Electronic Components Datasheet Search
  English  ▼

X  

BFE505 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFE505
Description  NPN wideband differential transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFE505 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFE505 Datasheet HTML 1Page - NXP Semiconductors BFE505 Datasheet HTML 2Page - NXP Semiconductors BFE505 Datasheet HTML 3Page - NXP Semiconductors BFE505 Datasheet HTML 4Page - NXP Semiconductors BFE505 Datasheet HTML 5Page - NXP Semiconductors BFE505 Datasheet HTML 6Page - NXP Semiconductors BFE505 Datasheet HTML 7Page - NXP Semiconductors BFE505 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1996 Oct 08
3
Philips Semiconductors
Product specification
NPN wideband differential transistor
BFE505
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL CHARACTERISTICS
Note to the Limiting values and Thermal characteristics
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Any single transistor
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
8V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
DC collector current
−
18
mA
Ptot
total power dissipation
up to Ts =118 °C; note 1
−
500
mW
Tstg
storage temperature
−65
+175
°C
Tj
operating junction temperature
−
175
°C
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction
to soldering point; note 1
single loaded
230
K/W
double loaded
115
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com