Electronic Components Datasheet Search
  English  ▼

X  

SP3080EMN Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP3080EMN
Description  Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3080EMN Datasheet(HTML) 4 Page - Sipex Corporation

  SP3080EMN Datasheet HTML 1Page - Sipex Corporation SP3080EMN Datasheet HTML 2Page - Sipex Corporation SP3080EMN Datasheet HTML 3Page - Sipex Corporation SP3080EMN Datasheet HTML 4Page - Sipex Corporation SP3080EMN Datasheet HTML 5Page - Sipex Corporation SP3080EMN Datasheet HTML 6Page - Sipex Corporation SP3080EMN Datasheet HTML 7Page - Sipex Corporation SP3080EMN Datasheet HTML 8Page - Sipex Corporation SP3080EMN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Rev N 9/15/2006
SP3080E Advanced RS485 Transceivers
© Copyright 2006 Sipex Corporation
4
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
These are stress ratings only and functional op-
eration of the device at these ratings or any other
above those indicated in the operation sections of
the specifications below is not implied. Exposure to
absolute maximum rating conditions for extended
periods of time may affect reliability.
Supply Voltage (VCC)...............................................+ 7.0V
Input voltage at control input pins (RE, DE) ...... -0.3V to VCC+0.3V
Driver input voltage (DI) .......................-0.3V to VCC+0.3V
Driver output voltage (A, B, Y, and Z) ...................+/-13V
Receiver input voltage (A, B) ................................+/-13V
Package Power Dissipation:
Maximum Junction Temperature 150°C
14-Pin SO øJA = 86°C/W
Storage Temperature............................-65°C to +150°C
Lead Temperature (soldering, 10s).................... +300°C
Recommended Operating Conditions
Min.
Nom.
Max.
Unit
Supply Voltage, VCC
4.5
5
5.5
V
Input Voltage on A and B pins
-7
12
V
High-level input voltage (DI, DE or RE), VIH
2
VCC
V
Low-level input voltage (DI, DE or RE), VIL
0
0.8
V
Output Current
Driver
-60
60
mA
Receiver
-8
8
Signaling Rate, 1/tUI
115
kbps
Operating Free Air
Temperature, TA
Industrial Grade (E)
-40
85
°C
Extended Temp Grade (M)
-40
125
Junction Temperature, TJ
-40
150
°C
Note: The least positive (most negative) limit is designated as the maxium value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com