Electronic Components Datasheet Search
  English  ▼

X  

6501 Datasheet(PDF) 2 Page - 3M Electronics

Part # 6501
Description  3M™ Rugged Comfort Half Facepiece Reusable Respirator 6501/49487, Small, 10 EA/Case
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

6501 Datasheet(HTML) 2 Page - 3M Electronics

  6501 Datasheet HTML 1Page - 3M Electronics 6501 Datasheet HTML 2Page - 3M Electronics 6501 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Height
11.43
Height (Metric)
29
Material
Nylon, Silicone
Primary Material Silicone/Nylon
Product Series
Rugged Comfort 6500
Product Type
Cartridge
Range
Best
Recommended
Application
Assembly, Cleaning, Demolition, Facility Maintenance, Grinding, Machine
Operations, Sanding, Welding
Recommended
Industry
Construction, Design & Construction, Facility Sanitation, Food Processing,
Food Safety, Heavy Infrastructure, Industrial Maintenance, Manufacturing,
Marine, Metal Production & Fabrication, Military Maintenance, Repair and
Operation (MRO), Mining, Oil & Gas, Pharmaceutical, Transportation
Size
Small
Weight
0.245 lb.
Details
Resilient silicone faceseal helps provide comfort, durability, and stability with a soft but firm seal
Proprietary Cool Flow valve helps reduce heat and moisture
Exhalation valve cover helps direct exhaled breath and moisture downward to reduce fogging of
eyewear and grinding and welding shields
Low profile half facepiece design offers a wider field of view and better compatibility with welding
and grinding shields
Adjustable head harness assembly offers improved fit and comfort
The 3M™ Rugged Comfort 6500 Series Half Facepiece Reusable Respirator is designed to help
promote comfort, durability, and stability with a firm, lightly textured silicone faceseal and strong body
construction.
The 3M™ Rugged Comfort 6500 Series Half Facepiece Reusable Respirator helps provide
respiratory protection in harsh, dirty environments against airborne contaminants when used with
approved 3M™ cartridges and filters. This facepiece is designed to help promote comfort, durability,
and stability with a firm, lightly textured silicone faceseal and strong body construction. When properly
fitted and used with approved 3M™ cartridges and filters, this respirator helps provide respiratory
protection at concentrations up to 10 times the Permissible Exposure Limit (PEL). While being the
lightest silicone 3M facepiece, it is still rugged enough to withstand long hours and extreme
conditions. The resilient silicone faceseal offers an extended facepiece life, even keeping its shape in
high-heat environments.
The facepiece offers numerous other comfort features. Two innovative design features have been
built in: a special valve cover that helps to direct exhaled breath and moisture downward and 3M’s
proprietary Cool Flow(TM) Valve that helps to make breathing easier by reducing heat and moisture.
Made to fit securely and comfortably on the head, the facepiece comes with an adjustable head
harness assembly featuring long-lasting polyester/spandex straps that stretch and conform to the
individual who wears the respirator. This facepiece is compatible with all 3M™ bayonet-style filters
and cartridges, including 6000 Series Cartridges and 3M™ 2000, 2200, 7000 or 5000 Series Filters,
to help provide respiratory protection against a variety of gases, vapors, and particulate hazards
according to NIOSH approvals. This filter compatibility helps to make the respirator highly versatile for
many workplace environments and a variety of jobs where respiratory protection is required.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com