Electronic Components Datasheet Search
  English  ▼

X  

9L28310 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9L28310
Description  Shielded Flat Ribbon Cable .050" Pitch, 9L283XX Series, #28-10c, PVC Ins,O/A Foil Tape, PVC Jacket
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9L28310 Datasheet(HTML) 1 Page - Belden Inc.

  9L28310 Datasheet HTML 1Page - Belden Inc. 9L28310 Datasheet HTML 2Page - Belden Inc. 9L28310 Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product: 9L28310
Shielded Flat Ribbon Cable .050" Pitch, 9L283XX Series, #28-10c, PVC Ins,
O/A Foil Tape, PVC Jacket
Product Description
Shielded Flat Ribbon Cable .050" Pitch, 9L283XX Series, 10 Conductor, 28 AWG (7x36) Tinned Copper, Gray PVC Insulation, Beldfoil® Tape, Black PVC
Jacket
Technical Specifications
Product Overview
Suitable Applications:
Internal interconnection, internal wiring of electronic equipment, reliable mass-termination to standard IDC connectors, noisy evnvironments
Physical Characteristics (Overall)
Conductor
AWG Stranding
Material
28
7x36
TC - Tinned Copper
Conductor Count:
10
Insulation
Material
Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.010 in
Color Chart
Color
Gray
Table Notes:
First Conductor has Red Stripe
Outer Shield
Type
Material
Material Trade Name Coverage [%] Drainwire Material
Drainwire AWG Drainwire Construction n x D
Tape Bi-Laminate (Alum+Poly) Beldfoil®
100%
TC - Tinned Copper 28
7x36
Outer Jacket
Material
Nominal Wall Thickness
PVC - Polyvinyl Chloride 0.038 in
Construction and Dimensions
Conductor Spacing Center-Center:
.050 +/- .002 in
Conductor Spacing Center-Center Outside:
.450 +/- .008 in
OuterJacket1, Nominal Width:
.570 in
OuterJacket1, Nom Thick Flat Section:
0.115 in
Electrical Characteristics
Conductor DCR
Nominal Conductor DCR
68.2 Ohm/1000ft
Capacitance


Similar Part No. - 9L28310

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9L28309 BELDEN-9L28309 Datasheet
199Kb / 3P
Shielded Flat Ribbon Cable .050" Pitch, 9L283XX Series, #28-9c, PVC Ins,O/A Foil Tape, PVC Jacket
05-05-2023
9L28309-010100 BELDEN-9L28309-010100 Datasheet
199Kb / 3P
Shielded Flat Ribbon Cable .050" Pitch, 9L283XX Series, #28-9c, PVC Ins,O/A Foil Tape, PVC Jacket
05-05-2023
9L28326 BELDEN-9L28326 Datasheet
151Kb / 3P
Shielded Flat Ribbon Cable .050" Pitch, 9L283XX Series, #28-26c, PVC Ins,O/A Foil Tape, PVC Jacket
05-05-2023
9L28326-010100 BELDEN-9L28326-010100 Datasheet
151Kb / 3P
Shielded Flat Ribbon Cable .050" Pitch, 9L283XX Series, #28-26c, PVC Ins,O/A Foil Tape, PVC Jacket
05-05-2023
More results

Similar Description - 9L28310

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9L26010 BELDEN-9L26010 Datasheet
234Kb / 2P
Flat Gray Ribbon Cable .050" Pitch, 9L260XX Series, #26-10c, PVC Ins
03-04-2023
9L28010 BELDEN-9L28010 Datasheet
233Kb / 2P
Flat Gray Ribbon Cable .050" Pitch, 9L280XX Series, #28-10c, PVC Ins
01-20-2023
9L28014 BELDEN-9L28014 Datasheet
237Kb / 3P
Flat Gray Ribbon Cable .050" Pitch, 9L280XX Series, #28-14c, PVC Ins
05-05-2023
9L28025 BELDEN-9L28025 Datasheet
237Kb / 3P
Flat Gray Ribbon Cable .050" Pitch, 9L280XX Series, #28-25c, PVC Ins
05-05-2023
9L28026 BELDEN-9L28026 Datasheet
237Kb / 3P
Flat Gray Ribbon Cable .050" Pitch, 9L280XX Series, #28-26c, PVC Ins
05-05-2023
9L28040 BELDEN-9L28040 Datasheet
237Kb / 3P
Flat Gray Ribbon Cable .050" Pitch, 9L280XX Series, #28-40c, PVC Ins
05-05-2023
9L28309 BELDEN-9L28309 Datasheet
199Kb / 3P
Shielded Flat Ribbon Cable .050" Pitch, 9L283XX Series, #28-9c, PVC Ins,O/A Foil Tape, PVC Jacket
05-05-2023
9L28326 BELDEN-9L28326 Datasheet
151Kb / 3P
Shielded Flat Ribbon Cable .050" Pitch, 9L283XX Series, #28-26c, PVC Ins,O/A Foil Tape, PVC Jacket
05-05-2023
9R28010 BELDEN-9R28010 Datasheet
187Kb / 3P
Rainbow Ribbon Cable .050" Pitch, 9R280XX Series, #28-10c, PVC Ins
05-05-2023
9V28010 BELDEN-9V28010 Datasheet
239Kb / 3P
Flat Vari-Twist Cable .050" Pitch, 9V280XX Series, #28-10c, PVC Ins on PVC Substrate
05-05-2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com