Electronic Components Datasheet Search
  English  ▼

X  

RCMX02 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RCMX02
Description  Molded Metal Film High Ohmic Value Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RCMX02 Datasheet(HTML) 1 Page - Vishay Siliconix

  RCMX02 Datasheet HTML 1Page - Vishay Siliconix RCMX02 Datasheet HTML 2Page - Vishay Siliconix RCMX02 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RCMX02, RCMX05, RCMX1
www.vishay.com
Vishay Sfernice
Revision: 05-Aug-13
1
Document Number: 52008
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Molded Metal Film High Ohmic Value (to 50 M
) Resistors
FEATURES
• 0.125 W to 0.5 W at 70 °C
• According to CECC 40 101043
• Resistance range: 300 k
 to 50 M
• Good initial precision: Up to ± 1 %
• High long term stability drift < 1 % after 1000 h
• Accurate dimensions
• Good insulation typical values: 10 M
• Limiting element voltages: 500 V, 800 V, and 1200 V
• Termination = pure matte tin
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
DIMENSIONS in millimeters
SERIES
A
Ø B
Ø C
WEIGHT in g
RCMX02
6.5 ± 0.2
2.5
- 0
- 0.2
0.6
0.26
RCMX05
10.2 ± 0.2
3.65 ± 0.1
0.6
0.46
RCMX1
16 ± 0.5
6.2 ± 0.2
0.8
1.3
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
RESISTANCE
RANGE
RATED POWER
P70 °C
W
LIMITING ELEMENT
VOLTAGE
V
TOLERANCE
± %
TEMPERATURE
COEFFICIENT
± ppm/°C
RCMX02
300K to 10M
0.125
500
1
50
RCMX05
1M to 20M
0.250
750
1
50
RCMX1
2M to 50M
0.500
1000
5
50
TECHNICAL SPECIFICATIONS
VISHAY SFERNICE SERIES
RCMX02
RCMX05
RCMX1
Reference according to NFC 83 230
RS80
RS81
RS82
Tolerance and Associated Series
± 1 %
E96
± 1 %
E96
± 5 %
E24
Critical Resistance
2 M
2.55 M
2.87 M
Temperature Coefficient
Rated in the Range - 55 °C to + 125 °C
K3
 ± 50 ppm/°C
Insulation Resistance (Typical)
 107 M (500 V
DC)
Voltage Coefficient
 10 ppm/V
Environmental Specifications
- 65 °C/+ 155 °C/10 days
25 min.
25 min.
A
Ø C
Ø B


Similar Part No. - RCMX02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMX02 VISHAY-RCMX02 Datasheet
75Kb / 4P
Molded Metal Film High Ohmic Value (to 50 Mohm) Resistors
05-Aug-13
More results

Similar Description - RCMX02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RCMM VISHAY-RCMM Datasheet
142Kb / 2P
Molded Metal Film Resistors
16-Jul-02
logo
Welwyn Components Limit...
2500 WELWYN-2500 Datasheet
87Kb / 1P
Low Value Metal Film Resistors
logo
Vishay Siliconix
RCMS02 VISHAY-RCMS02 Datasheet
309Kb / 4P
Molded Metal Film High Stability Resistors
02-Oct-09
HVR3700001204JR500 VISHAY-HVR3700001204JR500 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
HVR3700003304JA100 VISHAY-HVR3700003304JA100 Datasheet
159Kb / 7P
High Ohmic/High Voltage Metal Film Leaded Resistors
02-Dec-09
P0603H2002BBT VISHAY-P0603H2002BBT Datasheet
144Kb / 10P
High Precision Wraparound - Wide Ohmic Value Range Thin Film Chip Resistors
19-Nov-13
RCMS02 VISHAY-RCMS02_15 Datasheet
79Kb / 4P
Molded Metal Film High Stability Resistors
05-Aug-13
RCMX02 VISHAY-RCMX02 Datasheet
75Kb / 4P
Molded Metal Film High Ohmic Value (to 50 Mohm) Resistors
05-Aug-13
RCMM VISHAY-RCMM_V01 Datasheet
76Kb / 3P
Molded Metal Film Resistors
27-Jul-2021
RCMS02 VISHAY-RCMS02_V01 Datasheet
83Kb / 4P
Molded Metal Film High Stability Resistors
27-Jul-2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com