Electronic Components Datasheet Search
  English  ▼

X  

PTH08T210WAS Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T210WAS
Description  30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T210WAS Datasheet(HTML) 16 Page - Texas Instruments

Back Button PTH08T210WAS Datasheet HTML 12Page - Texas Instruments PTH08T210WAS Datasheet HTML 13Page - Texas Instruments PTH08T210WAS Datasheet HTML 14Page - Texas Instruments PTH08T210WAS Datasheet HTML 15Page - Texas Instruments PTH08T210WAS Datasheet HTML 16Page - Texas Instruments PTH08T210WAS Datasheet HTML 17Page - Texas Instruments PTH08T210WAS Datasheet HTML 18Page - Texas Instruments PTH08T210WAS Datasheet HTML 19Page - Texas Instruments PTH08T210WAS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
www.ti.com
C-Capacitance-
F
m
20
10
9
8
7
6
5
4
3
2
WithTurboTrans
V =12V
I
WithoutTurboTrans
C-Capacitance-
F
m
20
10
9
8
7
6
5
4
3
2
WithTurboTrans
V =8V
I
WithoutTurboTrans
RTT Resistor Selection
PTH08T210W
SLTS262D – OCTOBER 2005 – REVISED OCTOBER 2006
Type C Capacitor
Type C Capacitor
12 V Input
8 V Input
Figure 15. Cap Type C, 5000
≤ C(µF)xESR(mΩ) ≤ 10,000
Figure 16. Cap Type C, 5000
≤ C(µF)xESR(mΩ) ≤ 10,000
(e.g. Os-Con)
(e.g. Os-Con)
Table 4. Type C TurboTrans COValues & Required RTT Selection Table
Transient Voltage Deviation (mV)
12 V Input
8 V Input
25%
50%
75%
CO
RTT
CO
RTT
Load Step Load Step Load Step
Minimum Required
Required TurboTrans
Minimum Required
Required TurboTrans
(7.5 A)
(15 A)
(22.5 A)
Output Capacitance
Resistor (
Ω)
Output Capacitance
Resistor (
Ω)
(
µF)
(
µF)
80
160
240
470
open
520
294 k
70
140
210
560
158 k
620
93.1 k
60
120
180
680
63.4 k
750
45.3 k
50
100
150
850
31.6 k
940
24.3 k
40
80
120
1100
15.8 k
1300
10.2 k
35
70
105
1300
10.2 k
1500
6.65 k
30
60
90
1600
5.36 k
1800
3.32 k
25
50
75
2000
1.82 k
2200
698
20
40
60
4000
0
5400
0
The TurboTrans resistor value, RTT can be determined from the TurboTrans programming equation, see
Equation 1.
CO values greater than or equal to 2350 µF require RTT to be a short, 0Ω. (Equation 1 will result in a negative
value for RTT when CO ≥ 2350 µF.)
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com