Electronic Components Datasheet Search
  English  ▼

X  

BFG10 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFG10
Description  NPN 2 GHz RF power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG10 Datasheet(HTML) 2 Page - NXP Semiconductors

  BFG10 Datasheet HTML 1Page - NXP Semiconductors BFG10 Datasheet HTML 2Page - NXP Semiconductors BFG10 Datasheet HTML 3Page - NXP Semiconductors BFG10 Datasheet HTML 4Page - NXP Semiconductors BFG10 Datasheet HTML 5Page - NXP Semiconductors BFG10 Datasheet HTML 6Page - NXP Semiconductors BFG10 Datasheet HTML 7Page - NXP Semiconductors BFG10 Datasheet HTML 8Page - NXP Semiconductors BFG10 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1995 Aug 31
2
Philips Semiconductors
Product specification
NPN 2 GHz RF power transistor
BFG10; BFG10/X
FEATURES
• High power gain
• High efficiency
• Small size discrete power amplifier
• 1.9 GHz operating area
• Gold metallization ensures
excellent reliability.
APPLICATIONS
• Common emitter class-AB
operation in hand-held radio
equipment at 1.9 GHz.
DESCRIPTION
NPN silicon planar epitaxial transistor
encapsulated in plastic, 4-pin
dual-emitter SOT143 package.
PINNING
PIN
DESCRIPTION
BFG10 (see Fig.1)
1
collector
2
base
3
emitter
4
emitter
BFG10/X (see Fig.1)
1
collector
2
emitter
3
base
4
emitter
Fig.1 SOT143.
handbook, 2 columns
Top view
MSB014
12
3
4
MARKING
TYPE NUMBER
CODE
BFG10
N70
BFG10/X
N71
QUICK REFERENCE DATA
RF performance at Tamb =25 °C in a common-emitter test circuit (see Fig.7).
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
MODE OF OPERATION
f
(GHz)
VCE
(V)
PL
(mW)
Gp
(dB)
ηc
(%)
Pulsed, class-AB, duty cycle: < 1 : 8
1.9
3.6
200
≥5
≥50
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
8V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
collector current (DC)
−
250
mA
IC(AV)
average collector current
−
250
mA
Ptot
total power dissipation
up to Ts =60 °C; see Fig.2; note 1
−
400
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com