Electronic Components Datasheet Search
  English  ▼

X  

80AL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 80AL
Description  80A, 80AL Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

80AL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  80AL Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
80A, 80AL Series
Nominal dc
spark-over
voltage
Gas Discharge
Tube dc
spark-over
voltage
Impulse
spark-over
voltage
at 1kV/μ
μ
μ
μ
s
Nominal
impulse
discharge
current
8/20μ
μ
μ
μ
s
Nominal
impulse
discharge
current
10/1000μ
μ
μ
μ
s
Nominal
Alternating
discharge
current at
50Hz, 1s
Insulation resistance
Capacitance
at 1kHz
Part No.
Vsdc
(V)
Vsdc
(V)
Vsi
(V)
idi
(KA)
idi
(A)
ida
(A)
V
(V)
Ris
(Ω
Ω
Ω
Ω
)
C
(pF)
80A75/L
75
60~90
≦700
50
80A90/L
90
72~108
≦700
50
80A150/L
150
120~180
≦700
50
80A230/L
230
184~276
≦800
100
80A250/L
250
200~300
≦800
100
80A300/L
300
240~360
≦800
100
80A350/L
350
280~420
≦900
100
80A400/L
400
320~480
≦1000
100
80A420/L
420
336~504
≦1100
100
80A470/L
470
376~564
≦1100
100
80A600/L
600
480~720
≦1500
150
80A700/L
700
560~840
≦1500
250
80A800/L
800
640~960
≦1500
250
80A900/L
900
720~1080
≦1500
10
100
10
250
≧10
9
≦2


Similar Part No. - 80AL

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80A IRF-80A Datasheet
98Kb / 8P
PHASE CONTROL THYRISTORS Stud Version
logo
TE Connectivity Ltd
80AHVDBS TEC-80AHVDBS Datasheet
2Mb / 6P
THREE PHASE VERY HIGH PERFORMANCE EMI FILTER Dual stage delta configuration
logo
List of Unclassifed Man...
80AK ETC2-80AK Datasheet
101Kb / 1P
Temperature Accessories
logo
Inchange Semiconductor ...
80APF02-M3 ISC-80APF02-M3 Datasheet
315Kb / 2P
Fast Soft Recovery Rectifier Diode
80APF04-M3 ISC-80APF04-M3 Datasheet
315Kb / 2P
Fast Soft Recovery Rectifier Diode
More results

Similar Description - 80AL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RURG80100 INTERSIL-RURG80100 Datasheet
32Kb / 3P
80A, 1000V Ultrafast Diode
January 2000
RURG8060 INTERSIL-RURG8060 Datasheet
32Kb / 3P
80A, 600V Ultrafast Diode
January 2000
logo
Nihon Inter Electronics...
P2H80F4 NIEC-P2H80F4 Datasheet
155Kb / 3P
FRD MODULE 80A/400V
logo
Naina Semiconductor ltd...
MBR8020 NAINA-MBR8020 Datasheet
124Kb / 2P
Schottky Power Diode, 80A
logo
Digitron Semiconductors
MBR8035 DIGITRON-MBR8035 Datasheet
827Kb / 3P
80A SCHOTTKY RECTIFIER
logo
National Instruments Co...
P2H80F2 NI-P2H80F2_15 Datasheet
208Kb / 2P
80A Avg 200 Volts
P2H80F4 NI-P2H80F4_15 Datasheet
208Kb / 2P
80A Avg 400 Volts
P2H80QH15 NI-P2H80QH15_15 Datasheet
74Kb / 1P
80A Avg 150 Volts
PC80Q04N NI-PC80Q04N_15 Datasheet
161Kb / 2P
80A Avg 40 Volts
logo
MacMic
MM80FU040PC MACMIC-MM80FU040PC Datasheet
681Kb / 3P
400V 80A FRED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com