Electronic Components Datasheet Search
  English  ▼

X  

D4506 Datasheet(PDF) 2 Page - Ceramate Technical

Part # D4506
Description  5-CH BTL Driver for DVD Player
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

D4506 Datasheet(HTML) 2 Page - Ceramate Technical

  D4506 Datasheet HTML 1Page - Ceramate Technical D4506 Datasheet HTML 2Page - Ceramate Technical D4506 Datasheet HTML 3Page - Ceramate Technical D4506 Datasheet HTML 4Page - Ceramate Technical D4506 Datasheet HTML 5Page - Ceramate Technical D4506 Datasheet HTML 6Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CMD4506
5-CH BTL Driver for DVD Player
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 2 of 6
Rev 1.0 Oct. 6,2004
Pin Assignments
Pin Definitions
NO
SYMBOL
FUNCTION
NO
SYMBOL
FUNCTION
1
VINFC
Input for focus driver
15
VOTK+
Tracking driver output (+)
2
NC
No connection
16
VOTK-
Tracking driver output (-)
3
NC
No connection
17
VOLD+
Spindle driver output (+)
4
VINSL+
Input for the sled driver
18
VOLD-
Spindle driver output (-)
5
NC
No connection
19
Vcc2
Vcc for power block of spindle,
tracking and focus
6
FWD
Tray driver forward input
20
NC
No connection
7
REV
Tray driver reverse input
21
VCTL
Speed control input of tray driver
8
Vcc1
Vcc for pre-drive block and
power block of sled and tray
22
GND
Ground
9
VOTR-
Tray driver output (-)
23
VINLD
Input for spindle driver
10
VOTR+
Tray driver output (+)
24
NC
No connection
11
VOSL+
Sled driver output (+)
25
NC
No connection
12
VOSL-
Sled driver output (-)
26
VINTK
Input for tracking driver
13
VOFC-
Focus driver output (-)
27
BIAS
Input for reference voltage
14
VOFC+
Focus driver output (+)
28
MUTE
Input for mute control



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com