Electronic Components Datasheet Search
  English  ▼

X  

CP431 Datasheet(PDF) 1 Page - Ceramate Technical

Part # CP431
Description  Adjustable Precision shunt Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP431 Datasheet(HTML) 1 Page - Ceramate Technical

  CP431 Datasheet HTML 1Page - Ceramate Technical CP431 Datasheet HTML 2Page - Ceramate Technical CP431 Datasheet HTML 3Page - Ceramate Technical CP431 Datasheet HTML 4Page - Ceramate Technical CP431 Datasheet HTML 5Page - Ceramate Technical CP431 Datasheet HTML 6Page - Ceramate Technical CP431 Datasheet HTML 7Page - Ceramate Technical CP431 Datasheet HTML 8Page - Ceramate Technical CP431 Datasheet HTML 9Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CP431
Adjustable Precision shunt Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 1 of 9
Rev 1.5 Jul.13, 2004
!

•
$   
 CP" %"&'(   )
 CP" %"&'(   ')
•
* + %
•
,     %
•
-. /   %!0
•
1 /  
•
2    %
•
$    3
•
2   
•
$+%4&*4
!
  
 CP" !CP"   /  6 
        
   7   
    
  "&'(8(9    3(     
7            +
   
         /
 +    7   
  :     
  8;!/9 )         
CP431/431A make it possible in many applications to
         .   
           
 










!
    
■
Ordering Information
CP431 X X X
Blank: Tube
A: Taping
V: TO-92
W: SOT-23
R: SOT-23
Blank: VREF±1%
A: VREF±0.5%


Similar Part No. - CP431

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
CP432AR CERAMATE-CP432AR Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
CP432AV CERAMATE-CP432AV Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
CP432AW CERAMATE-CP432AW Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
CP432AY CERAMATE-CP432AY Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
More results

Similar Description - CP431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
Precision Adjustable Shunt Regulator
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com