Electronic Components Datasheet Search
  English  ▼

X  

CP1032 Datasheet(PDF) 5 Page - Ceramate Technical

Part # CP1032
Description  Chopper Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP1032 Datasheet(HTML) 5 Page - Ceramate Technical

  CP1032 Datasheet HTML 1Page - Ceramate Technical CP1032 Datasheet HTML 2Page - Ceramate Technical CP1032 Datasheet HTML 3Page - Ceramate Technical CP1032 Datasheet HTML 4Page - Ceramate Technical CP1032 Datasheet HTML 5Page - Ceramate Technical CP1032 Datasheet HTML 6Page - Ceramate Technical CP1032 Datasheet HTML 7Page - Ceramate Technical CP1032 Datasheet HTML 8Page - Ceramate Technical CP1032 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CP1032
Chopper Regulators
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
5 of 12
Rev 1.1 Aug.31, 2004
Fig.1
Test Circuit
R2
R1
1K
D
CIN
220 F
Co
1000 F
L
45 H
VIN
ICHG
A
CP1032-ADJ
1
2
3
4
5
Io
LOAD
ISD
IQS
A
Fig.2
Test Circuit
D
CIN
220 F
Co
1000 F
L
45 H
VIN
ICHG
A
CP1032-5.0
1
2
3
4
5
Io
LOAD
ISD
IQS
A
5 terminal
Vo output
LOW
OFF
HIGH
ON
OPEN
ON
5 terminal
Vo output
LOW
OFF
HIGH
ON
OPEN
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com