Electronic Components Datasheet Search
  English  ▼

X  

CP432AY Datasheet(PDF) 3 Page - Ceramate Technical

Part # CP432AY
Description  Adjustable Precision Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP432AY Datasheet(HTML) 3 Page - Ceramate Technical

  CP432AY Datasheet HTML 1Page - Ceramate Technical CP432AY Datasheet HTML 2Page - Ceramate Technical CP432AY Datasheet HTML 3Page - Ceramate Technical CP432AY Datasheet HTML 4Page - Ceramate Technical CP432AY Datasheet HTML 5Page - Ceramate Technical CP432AY Datasheet HTML 6Page - Ceramate Technical CP432AY Datasheet HTML 7Page - Ceramate Technical CP432AY Datasheet HTML 8Page - Ceramate Technical CP432AY Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CP432
Adjustable Precision Shunt Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 3 of 10
Rev 1.1 Jan. 19,2005
Absolute Maximum Ratings
Cathode
voltage ……………………………....……...........…..........……………………………………...……….20V
Continuous cathode current …………………………………......................…………………….... -10mA ~
250mA
Reference input current range ………………………...….………....................……………………….….......
10mA
Operating temperature range (
CP432) ………………………………………………………………… -20
oC ~
85
oC
(
CP432I).……………..…..…............……………………………..……. -40
oC~85oC
Lead Temperature……………….…………….…..……………………..………………..…….........…............
260
oC
Storage Temperature ……………………………..............…......………………….......……............ -65
oC ~
150
oC
Power Dissipation (Notes 1. 2)
SOT89 .……………..……..……………………............….... 0.
80W
TO92 .....…………….………………………....……….. ..... 0.78W
SOT23. …………………..…..…………………………….…. 0.23W
Note 1: TJ, max =150
oC. .
Note 2: Ratings apply to ambient temperature at 25
oC.
Electrical Characteristics (Ta=25oC, unless otherwise specified.)
Parameter
Test conditions
Symbol Min.
Typ.
Max.
Unit
CP432
1.227
1.252
Reference voltage
VKA = Vref,
I KA = 10mA
(Fig.1)
CP432A
VREF
1.233
1.24
1.246
V
Deviation of reference input voltage
over temperature (Note 3)
VKA = VREF , IKA = 10mA ,
Ta = full range
(Fig.1)
VREF
3.0
20
mV
Ratio of the change in reference
voltage to the change in cathode
voltage
IKA = 10mA
(Fig.2)
VKA = 20 ~VREF
KA
REF
V
V
∆
∆
-1.4
-2.0
mV/V
Reference input current
R1 = 10KΩ,R2 = ∞
IKA= 10mA (Fig.2)
IREF
1.4
3.5
µA
Deviation of reference input current
over temperature
R1 = 10KΩ,R2 = ∞
IKA = 10mA
Ta = Full range (Fig.2)
αIREF
0.4
1.2
µA
Minimum cathode current for
regulation
VKA = VREF (Fig.1)
IKA(min)
0.15
0.3
mA
Off-state current
VKA = 20V , VREF = 0V (Fig.3) IKA(off)
0.1
1.0
µA
Dynamic output impedance (Note 4)
V KA = VREF
∆IKA = 0.1mA ~ 15mA
Frequency
≤ 1KHz (Fig.1)
KA
Z
0.2
0.5
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com