Electronic Components Datasheet Search
  English  ▼

X  

CP432R Datasheet(PDF) 2 Page - Ceramate Technical

Part # CP432R
Description  Adjustable Precision Shunt Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP432R Datasheet(HTML) 2 Page - Ceramate Technical

  CP432R Datasheet HTML 1Page - Ceramate Technical CP432R Datasheet HTML 2Page - Ceramate Technical CP432R Datasheet HTML 3Page - Ceramate Technical CP432R Datasheet HTML 4Page - Ceramate Technical CP432R Datasheet HTML 5Page - Ceramate Technical CP432R Datasheet HTML 6Page - Ceramate Technical CP432R Datasheet HTML 7Page - Ceramate Technical CP432R Datasheet HTML 8Page - Ceramate Technical CP432R Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CP432
Adjustable Precision Shunt Regulator
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 2 of 10
Rev 1.1 Jan. 19,2005
CP432Y
CP432AY
(SOT89)
CP432R
CP432AR
(SOT23)
CP432V
CP432AV
(TO92)
CP432W
CP432AW
(SOT23)
Block Diagram
REF (R)
VREF
+
-
Anode (A)
1.24V
Symbol
Cathode (C)
REF (R)
Anode (A)
Order Number
Pin Configuration (Top View)
Order Number
Pin Configuration (Top View)
Pin Configuration
1
REF
2 Anode
3 Cathode
1 REF
2 Anode
3 Cathode
Anode 1
2 REF
3 Cathode
Anode 1
2 Cathode
3 REF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com