Electronic Components Datasheet Search
  English  ▼

X  

AT1313 Datasheet(PDF) 2 Page - Aimtron Technology

Part # AT1313
Description  High Efficiency, Constant Current White-LED Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1313 Datasheet(HTML) 2 Page - Aimtron Technology

  AT1313 Datasheet HTML 1Page - Aimtron Technology AT1313 Datasheet HTML 2Page - Aimtron Technology AT1313 Datasheet HTML 3Page - Aimtron Technology AT1313 Datasheet HTML 4Page - Aimtron Technology AT1313 Datasheet HTML 5Page - Aimtron Technology AT1313 Datasheet HTML 6Page - Aimtron Technology AT1313 Datasheet HTML 7Page - Aimtron Technology AT1313 Datasheet HTML 8Page - Aimtron Technology AT1313 Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AT1313
High Efficiency, Constant Current
White-LED Driver
7F, No.9, PARK AVENUE II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
10/31/2006
REV:2.0
Email:service@aimtron.com.tw
2
Pin Configuration
Ordering Information
Part number
Package
Marking
AT1313X_GRE
SOT-26, Green
313, Date Code with one bottom line
▲▲▲▲▲ : Date Code
*For more marking information, contact our sales representative directly
Pin Description
Pin N0.
Symbol
I / O
Description
1
LX
I
Step-up Regulator N-MOS Drain. Place output diode and inductor.
2
GND
P
Ground
3
FB
I
Step-Up Regulator Feedback Input. Connect a sense resistor from FB to
ground.
4
EN
I
Enable and Dimming Control Input. LED brightness and IC shutdown are
controlled by the voltage on EN. Driving low for longer than 4ms to
shutdown the IC.
5
OVP
I
Over-voltage protection input. Connect to the output.
6
VIN
P
Power supply.
Absolute Maximum Ratings[note1]
Parameter
Rated Value
Unit
VIN voltage
-0.3 to +6.0
V
LX , OVP voltage
-0.3 to +18
V
EN , FB to GND
-0.3 to +6.0
V
Switch Current (ILX)
1.2
A
Continuous power dissipation (SOT-26 Ta=+25
OC)
0.35
W
Operating Junction Temperature Range
-35 to 85
℃
Lead
Temperature (Soldering 5 sec)
260
℃
Storage Temperature
-65 to 125
℃
Package Thermal Resistance (ΘJA)
250
℃/W
ESD Susceptibility (HBM)
2
KV
ESD Susceptibility (MM)
200
V
Note1:Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com