Electronic Components Datasheet Search
  English  ▼

X  

AT1312AX Datasheet(PDF) 13 Page - Aimtron Technology

Part # AT1312AX
Description  High Efficiency, Constant Current White-LEDs Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1312AX Datasheet(HTML) 13 Page - Aimtron Technology

Back Button AT1312AX Datasheet HTML 8Page - Aimtron Technology AT1312AX Datasheet HTML 9Page - Aimtron Technology AT1312AX Datasheet HTML 10Page - Aimtron Technology AT1312AX Datasheet HTML 11Page - Aimtron Technology AT1312AX Datasheet HTML 12Page - Aimtron Technology AT1312AX Datasheet HTML 13Page - Aimtron Technology AT1312AX Datasheet HTML 14Page - Aimtron Technology AT1312AX Datasheet HTML 15Page - Aimtron Technology AT1312AX Datasheet HTML 16Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AT1312A/B/C
Preliminary Product Information
High Efficiency, Constant Current
White-LEDs Driver
7F, No.9,PARK AVENUE. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW: http://www.aimtron.com.tw
2/23/2006 REV:1.1
Email: service@aimtron.com.tw
13
Application Information
External components of boost converter can be designed by performing simple
calculations.
Boost inductor
Inductor selection depends on input voltage, output voltage, maximum output current,
switching frequency and availability of inductor values. The following boost circuit
equations are useful in choosing the inductor values based on the application. They
allow the trading of peak current and inductor value while allowing for consideration
of component availability and cost.
The peak inductor current is given by:
D
I
I
I
I
I
O
LAVG
L
LAVG
Lpeak
−
=
∆
+
=
1
2
where:
△
IL is the inductor peak-to-peak current ripple and is decided by:
OSC
in
L
f
D
L
V
I
×
=
∆
D is the MOSFET turn on ratio and is decided by:
O
in
O
V
V
V
D
−
=
fOSC is the switching frequency.
The inductor should be chosen to be able to handle this current and inductor saturation
current rating should be greater than IPEAK.
Diode selection
The output diode has average current of IO, and peak current the same as the
inductor’s peak current and a voltage rating at least 1.5 times the output voltage.
Schottky diode is recommended and it should be able to handle those current.
Output Capacitor
The AT1312 series are specially compensated to be stable with capacitors which have
a worst- case minimum value of 1uF at the particular VOUT being set. Output ripple
voltage requirements also determine the minimum value and type of capacitors.
Output ripple voltage consists of two components the voltage drop caused by the
switching current through the ESR of the output capacitor and the charging and
discharging of the output capacitor:
OSC
OUT
O
O
in
O
LPEAK
RIPPLE
f
C
I
V
V
V
ESR
I
V
×
×
−
+
×
=
For low ESR ceramic capacitors, the output ripple is dominated by the charging or
discharging of the output capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com