Electronic Components Datasheet Search
  English  ▼

X  

AT1382BF Datasheet(PDF) 2 Page - Aimtron Technology

Part # AT1382BF
Description  4-Channel DC-DC Converter for DSC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1382BF Datasheet(HTML) 2 Page - Aimtron Technology

  AT1382BF Datasheet HTML 1Page - Aimtron Technology AT1382BF Datasheet HTML 2Page - Aimtron Technology AT1382BF Datasheet HTML 3Page - Aimtron Technology AT1382BF Datasheet HTML 4Page - Aimtron Technology AT1382BF Datasheet HTML 5Page - Aimtron Technology AT1382BF Datasheet HTML 6Page - Aimtron Technology AT1382BF Datasheet HTML 7Page - Aimtron Technology AT1382BF Datasheet HTML 8Page - Aimtron Technology AT1382BF Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
AT1382B
Preliminary Product Information
4-Channel DC-DC Converter for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
2
Pin Description
Pin No.
Pin name
I/O
Function
1
DTC4
I
CH4 Dead Time Control
2
FB4
O
CH4 Error Amplifier Output
3
IN4
I
CH4 Error Amplifier Inverted Input
4
CS4
-
CH4 Soft Start Setting Capacitor
5
CTL4
I
CH4 ON/OFF Control
6
DTC3
I
CH3 Dead Time Control
7
FB3
O
CH3 Error Amplifier Output
8
IN3
I
CH3 Error Amplifier Inverted Input
9
CS3
-
CH3 Soft Start Setting Capacitor
10
CTL3
I
CH3 ON/OFF Control
11
CSCP
-
Timer Latch Short-Circuit Detection Capacitor Input
12
VREF
O
Reference 0.9V Output
13
GND
P
Ground
14
GND
P
Ground
15
VBG
TEST Reference Test Pin
16
VCC
P
Power Supply
17
VCC
P
Power Supply
18
POR
TEST Pre-OSC Change to Main-OSC Indicator
19
RT
-
Oscillation Frequency Setting Resistor
20
CT
-
Oscillation Frequency Setting Capacitor
21
VB
O
Reference 1.8V Output
22
CTL
I
Power Supply Control
23
ENLD
I
Gain Block Enable Input
24
CT2
TEST Triangular wave OSC Inverted output Test Pin
25
CTL2
I
CH2 ON/OFF Control
26
CS2
-
CH2 Soft Start Setting Capacitor
27
IN2
I
CH2 Error Amplifier Inverted Input
28
FB2
O
CH2 Error Amplifier Output
29
DTC2
I
CH2 Dead Time Control
30
CTL1
I
CH1 ON/OFF Control
31
CS1
-
CH1 Soft Start Setting Capacitor
32
IN1
I
CH1 Error Amplifier Inverted Input
33
FB1
O
CH1 Error Amplifier Output
34
DTC1
I
CH1 Dead Time Control
35
LBI
I
Low Battery Detected Input
36
LBO
O
Low Battery Indicator
37
AI
I
LDO Regulated Input
38
AO
O
LDO Drive Output
39
OUT1_1
O
CH1 Main Side Output
40
OUT1_2
O
CH1 Synchronous Rectifier Side Output
41
OUT2_1
O
CH2 Main Side Output
42
OUT2_2
O
CH2 Synchronous Rectifier Side Output
43
N.C.
-
44
PVCC
P
Drive Output Block Power Supply
45
N.C.
-
46
PGND
P
Drive Output Block Ground
47
OUT3
O
CH3 Output
48
OUT4
O
CH4 Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com