Electronic Components Datasheet Search
  English  ▼

X  

AT1452AP Datasheet(PDF) 13 Page - Aimtron Technology

Part # AT1452AP
Description  Photoflash Capacitor Charger for DSC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT1452AP Datasheet(HTML) 13 Page - Aimtron Technology

Back Button AT1452AP Datasheet HTML 9Page - Aimtron Technology AT1452AP Datasheet HTML 10Page - Aimtron Technology AT1452AP Datasheet HTML 11Page - Aimtron Technology AT1452AP Datasheet HTML 12Page - Aimtron Technology AT1452AP Datasheet HTML 13Page - Aimtron Technology AT1452AP Datasheet HTML 14Page - Aimtron Technology AT1452AP Datasheet HTML 15Page - Aimtron Technology AT1452AP Datasheet HTML 16Page - Aimtron Technology AT1452AP Datasheet HTML 17Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AT1452
Preliminary Product Information
Photoflash Capacitor Charger for DSC
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
13
CH1:CHARGE CH2:READY CH3:VOUT(300V) CH4:IBAT
Fig 1. VBAT=3.0V
Fig 2. VBAT=3.6V
Fig 3. VBAT=4.2V
VBAT
Charge
Time
Charge Input
Current
3.0V
6.79s
500mA
3.6V
4.62s
600mA
4.2V
3.36s
800mA
* RDUTY can be change the Input Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com