Electronic Components Datasheet Search
  English  ▼

X  

DC600M Datasheet(PDF) 1 Page - Kingston Technology Far East Co. Ltd

Part # DC600M
Description  Enterprise Class Mixed-Use SSD with Power Loss Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

DC600M Datasheet(HTML) 1 Page - Kingston Technology Far East Co. Ltd

  DC600M Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd DC600M Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Enterprise Class Mixed-Use SSD with
Power Loss Protection
Kingston’s DC600M SSD is a 4th generation data center SATA 3.0, 6Gbps SSD
with 3D TLC NAND intended for “mixed use” workloads. The DC600M is suited
for use in high-volume rack-mount servers and includes hardware based on-
board PLP. Via power loss capacitors, DC600M protects data against unexpected
power failure to reduce the possibility of data loss and ensure that the drive
will successfully re-initialize on the next power-up of the system. DC600M
is designed to deliver latency and IOPS consistency for system integrators,
hyperscale data centers, and cloud service providers.
Capacities available from 480GB-7680GB1 to meet your data storage
requirements.
more >>
› Hardware-based power
loss protection
› Latency and IOPS
consistency
› AES 256-bit self-
encrypting drive
› Capacities up to 7680GB1
DC600M SSD
kingston.com/ssd


Similar Part No. - DC600M

ManufacturerPart #DatasheetDescription
logo
Intronics Power, Inc.
DC600 INTRONICS-DC600 Datasheet
134Kb / 1P
3.0 WATT SINGLE & DUAL OUTPUT DC-DC CONVERTERS
DC600-I INTRONICS-DC600-I Datasheet
114Kb / 1P
3.0 WATT HIGH ISOLATION DC-DC CONVERTERS
More results

Similar Description - DC600M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA10 ETC2-HA10 Datasheet
426Kb / 2P
Uncompromising enterprise-class reliability and quality
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4921QI ACTIVE-SEMI-ACT4921QI Datasheet
3Mb / 35P
Power Loss Protection with 6A eFuse
Rev 1.0, 18-Jan-2018
logo
Broadcom Corporation.
6510 BOARDCOM-6510 Datasheet
263Kb / 6P
Flexible, Easy-to-Use Enterprise-Class SAN Switch for Private Cloud Storage
logo
Greenliant systems
G7200 GREENLIANT-G7200 Datasheet
161Kb / 5P
NVMe U.2 EnduroSLC Industrial Enterprise SSD
G3200 GREENLIANT-G3200 Datasheet
160Kb / 5P
SATA 2.5 EnduroSLC Industrial Enterprise SSD
G31U480R GREENLIANT-G31U480R Datasheet
146Kb / 5P
SATA 2.5 Enterprise SSD PX Series
G3100 GREENLIANT-G3100 Datasheet
1Mb / 2P
SATA 2.5 Enterprise SSD
logo
Kingston Technology Far...
SEDC1500M KINGSTON-SEDC1500M Datasheet
219Kb / 2P
DC1500M U.2 ENTERPRISE SSD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com