Electronic Components Datasheet Search
  English  ▼

X  

BL05 Datasheet(PDF) 2 Page - Aimtron Technology

Part # BL05
Description  High-Side Power Switch IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

BL05 Datasheet(HTML) 2 Page - Aimtron Technology

  BL05 Datasheet HTML 1Page - Aimtron Technology BL05 Datasheet HTML 2Page - Aimtron Technology BL05 Datasheet HTML 3Page - Aimtron Technology BL05 Datasheet HTML 4Page - Aimtron Technology BL05 Datasheet HTML 5Page - Aimtron Technology BL05 Datasheet HTML 6Page - Aimtron Technology BL05 Datasheet HTML 7Page - Aimtron Technology BL05 Datasheet HTML 8Page - Aimtron Technology BL05 Datasheet HTML 9Page - Aimtron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
AT1605
High-Side Power Switch IC
7F, No.9, PARK AVENUE II, Science-Based Industrial Park, Hsinchu 300, Taiwan, R.O.C.
Tel: 886-3-563-0878
Fax: 886-3-563-0879
WWW:
http://www.aimtron.com.tw
4/26/2006 REV:1.1
Email:
service@aimtron.com.tw
2
Ordering Information
Part number
Package
Marking
Current Limit
AT1605B■X_GRE
SOT-23-5
B■05: Date Code with one button line
1.5A
■
: Enable Control H: High Active L: Low Active
Pin Configuration
1
3
5
VIN
GND
VOUT
2
4
EN
NC
B 05
SOT-23-5
TOP-VIEW
Pin Description
Symbol
Pin No.
Descript
VOUT
1
Output Voltage
GND
2
Power Ground
NC
3
Not Connection
EN
4
Enable Control Input
VIN
5
Power Supply
Absolute Maximum Ratings
Rated Value
Parameter
Condition
Min.
Max.
Unit
Power Supply Voltage
—
-0.3
+6
V
Input Pin Voltage
EN
-0.3
+6
V
Output Current Limit
—
-
2
A
Continuous Power dissipation(TA=85°C)
—
-
0.39
W
Package Thermal Resistance( JA
θ )
SOT25
-
165
C °/W
Operating temperature TA
—
-40
+85
°
C
Junction temperature Tj
-
150
°
C
Storage temperature
—
-55
+150
°
C
ESD Susceptibility(HBM)
-
3
KV
ESD Susceptibility(MM)
-
200
V
Note1: Permanent device damage may occur if Absolute Maximum Ratings are
exceeded. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com