Electronic Components Datasheet Search
  English  ▼

X  

OPA328DBVR Datasheet(PDF) 3 Page - Texas Instruments

Part # OPA328DBVR
Description  OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA328DBVR Datasheet(HTML) 3 Page - Texas Instruments

  OPA328DBVR Datasheet HTML 1Page - Texas Instruments OPA328DBVR Datasheet HTML 2Page - Texas Instruments OPA328DBVR Datasheet HTML 3Page - Texas Instruments OPA328DBVR Datasheet HTML 4Page - Texas Instruments OPA328DBVR Datasheet HTML 5Page - Texas Instruments OPA328DBVR Datasheet HTML 6Page - Texas Instruments OPA328DBVR Datasheet HTML 7Page - Texas Instruments OPA328DBVR Datasheet HTML 8Page - Texas Instruments OPA328DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
5 Pin Configuration and Functions
1
2
3
5
4
V+
-
IN
OUT
V
-
+IN
Figure 5-1. OPA328 DBV Package,
5-Pin SOT-23 (Top View)
1
2
3
6
5
4
V+
SHDN
-
IN
VOUT
V
-
+IN
Figure 5-2. OPA328S DBV Package (Preview)
6-Pin SOT-23 (Top View)
Pin Functions: OPA328 and OPA328S
PIN
TYPE
DESCRIPTION
NAME
OPA328
OPA328S
–IN
4
4
Input
Negative (inverting) input
+IN
3
3
Input
Positive (noninverting) input
OUT, VOUT
1
1
Output
Output
SHDN
—
5
Input
Shutdown, active low
V–
2
2
Power
Negative (lowest) power supply
V+
5
6
Power
Positive (highest) power supply
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
Figure 5-3. OPA2328 D Package (Preview),
8-pin SOIC and
DGK Package, 8-Pin VSSOP (Top View)
OUTA
-INA
+INA
V-
1
2
3
4
V+
OUTB
-INB
+INB
8
7
6
5
Exposed
Thermal
DiePad
on
Underside
(2)
Figure 5-4. OPA2328 DRG Package (Preview),
8-Pin WSON (Top View)
Pin Functions: OPA2328
PIN
TYPE
DESCRIPTION
NAME
NO.
–IN A
2
Input
Inverting input, channel A
+IN A
3
Input
Noninverting input, channel A
–IN B
6
Input
Inverting input, channel B
+IN B
5
Input
Noninverting input, channel B
OUT A
1
Output
Output, channel A
OUT B
7
Output
Output, channel B
V–
4
Power
Negative (lowest) power supply
V+
8
Power
Positive (highest) power supply
www.ti.com
OPA328, OPA2328
SBOS957C – FEBRUARY 2022 – REVISED MAY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA328 OPA2328



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com