Electronic Components Datasheet Search
  English  ▼

X  

UPBOARD Datasheet(PDF) 2 Page - AAEON Technology

Part # UPBOARD
Description  UP Developer Board with Intel® Atom™ x5-Z8350 Processor SoC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

UPBOARD Datasheet(HTML) 2 Page - AAEON Technology

  UPBOARD Datasheet HTML 1Page - AAEON Technology UPBOARD Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
08-2
0
8
Note: All specifications are subject to change without notice.
www.aaeon.com
UP Board
Block Diagram
Dimension
Unit: mm
Packing List
Ordering Information
Part number
Description
UP-CHT01-A20-0116-A11
UP board with z8350 CPU, 1GB RAM+16GB eMMC, passive heatsink
UP-CHT01-A20-0216-A11
UP board with z8350 CPU, 2GB RAM+16GB eMMC, passive heatsink
UP-CHT01-A20-0232-A11
UP board with z8350 CPU, 2GB RAM+32GB eMMC, passive heatsink
UP-CHT01-A20-0432-A11
UP board with z8350 CPU,4GB RAM+32GB eMMC, passive heatsink
UP-CHT01-A20-0464-A11
UP board with z8350 CPU, 4GB RAM+64GB eMMC, passive heatsink
Max 2GB
Intel Atom
x5-Z8300
x5-Z8350
Cherry Trail-T3
DDR3L-RS 1600
800MHZ
17mmx17mm
DDI2
HDMI TYPE B
HDMI 1.4P 1920x1080
FPC CONNECTOR
1 X 21 PIN
1x64b
CSI_0
USB2_0
OTG
Micro USB3.0
Type B
I2C
3xI2C,SPI
UART,GPIO
Ctrl/Progarm
HAT 40 PIN
2*20 Header
USB2_1
DUAL USB
Type A1
Connector
Power button
Reset button
I2C
TI
5V/3A
PMIC
Power Rail
SYS VR
VSYS
SND9039A2CTRSKR
DC-IN
DC JACK
Switch Button
DUAL USB
Type A2
Connector
USB3_0
Realtek
8111G
RJ45 Connector
PCIe Gen.2 X1
USB4604i
USB HSIC
USB2_2
PAGE 32
PAGE 32
PAGE 28
PAGE 30
PAGE 31
PAGE 38,39,40
PAGE 42
PAGE 36
PAGE 19,20
PAGE 33
PAGE 26
PAGE 35
eMMC
Flash ROM
PAGE 23
Fast SPI
USB2_3
eMMC
32GB / 16GB
PAGE 24
PAGE 27
1*10 pin Header
USBH_1
USBH_2
USBH_3
DDI0(eDP)
FPC/FFC CONNECTOR
1 X 40 PIN
DSI_0
PAGE 25
4xIC
CEC
ADC 8bit/180kps/1p
(ADC081C021)
MAX V CPLD
Lecel Shifter
PCA9574
I2C
DIR
USB HSIC
PAGE 29
PAGE 34
PAGE 34
PAGE 34
PAGE 34
• UP-CHT01 with Heatsink



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com