Electronic Components Datasheet Search
  English  ▼

X  

AT5658 Datasheet(PDF) 2 Page - Aimtron Technology

Part # AT5658
Description  4-ch Motor Driver for CD/VCD Player
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTRON [Aimtron Technology]
Direct Link  https://www.aimtron.tech
Logo AIMTRON - Aimtron Technology

AT5658 Datasheet(HTML) 2 Page - Aimtron Technology

  AT5658 Datasheet HTML 1Page - Aimtron Technology AT5658 Datasheet HTML 2Page - Aimtron Technology AT5658 Datasheet HTML 3Page - Aimtron Technology AT5658 Datasheet HTML 4Page - Aimtron Technology AT5658 Datasheet HTML 5Page - Aimtron Technology AT5658 Datasheet HTML 6Page - Aimtron Technology AT5658 Datasheet HTML 7Page - Aimtron Technology AT5658 Datasheet HTML 8Page - Aimtron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AT5658
Preliminary Product Information
4-ch Motor Driver for CD/VCD Player
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
2
Pin Configuration
Ordering Information
Part number
Package
Marking
AT5658H
28-pin HSOP
AT5658H
Pin Description
Pin No.
Symbol
Descript
Pin No
Symbol
Descript
1
DO1.1 CH1output (-)
15
OPIN(-) Op-amp input (-)
2
DO1.2 CH1 output (+)
16
OPIN(+) Op-amp input (+)
3
DI1.1 CH1 input 1
17
DO3.1 CH3 output (-)
4
DI1.2 CH1 input 2
18
DO3.2 CH3 output (+)
5
REG Regulator base
19
DI3.1 CH3 input 1
6
REO Regulator output, 5V
20
DI3.2 CH3 input 2
7
MUTE Mute
21
V
CC1
Supply voltage 1
8
GND1 Ground 1
22
V
CC2
Supply Voltage 2
9
DI2.1 CH2 input 1
23
VREF CH bias input
10
DI2.2 CH2 input 2
24
DI4.1 CH4 input 1
11
DO2.1 CH2 output (+)
25
DI4.2 CH4 input 2
12
DO2.2 CH2 output (-)
26
DO4.1 CH4 output (+)
13
GND2 Ground 2
27
DO4.2 CH4 output (-)
14
OPOUT Op-amp output
28
GND3 Ground 3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com