Electronic Components Datasheet Search
  English  ▼

X  

TBC Datasheet(PDF) 1 Page - Exxelia Group

Part # TBC
Description  Discoidal Capacitors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TBC Datasheet(HTML) 1 Page - Exxelia Group

  TBC Datasheet HTML 1Page - Exxelia Group TBC Datasheet HTML 2Page - Exxelia Group TBC Datasheet HTML 3Page - Exxelia Group TBC Datasheet HTML 4Page - Exxelia Group TBC Datasheet HTML 5Page - Exxelia Group TBC Datasheet HTML 6Page - Exxelia Group TBC Datasheet HTML 7Page - Exxelia Group TBC Datasheet HTML 8Page - Exxelia Group TBC Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CERAMIC CAPACITORS
121
www.exxelia.com
General characteristics
Page revised 02/21
FEATURES
• Discoidal Multilayer Ceramic Capacitors
• Diameters: 0.053’’ (1.35 mm)– 0.61’’ (15.5 mm)
• NPO and X7R dielectrics
• Very low ESL
• Capacitance range: 10pF to 12
µF
• Voltage range: 25VDC to 1,000VDC
PHYSICAL CHARACTERISTICS
CONSTRUCTION
Discoidal multilayer capacitors with Silver/Palladium/Plati-
num terminations.
Option T: central lead enables to get rid of thermal, me-
chanical shocks and plating deterioration during soldering
process.
MARKING (on packaging)
Series, capacitance value, tolerance, rated voltage, batch
number.
ELECTRICAL SPECIFICATIONS
Description
NPO
X7R
Operating temperature
–55°C to +125°C
–55°C to +125°C
Maximum ∆C/C over temperature
range without DC voltage applied
NA
±15%
Temperature coefficient
(0±30)ppm/°C
NA
Climatic category
55 / 125 / 56
55 / 125 / 56
Dielectric withstanding
voltage at 25°C
2.5 URC for URC ≤ 500V
1.5 URC for URC >500V
2.5 URC for URC ≤ 500V
1.5 URC for URC >500V
Capacitance
at 1MHz for C ≤ 1,000pF
at 1kHz for C > 1,000pF
at 1MHz for C ≤ 100pF
at 1kHz for C > 100pF
Dissipation factor at25°C
≤ 0.015 (150/C + 7)% at 1MHz
for C ≤ 50pF
≤ 0.15% at 1MHz
for 50pF < C ≤ 1,000pF
≤ 0.15% at 1kHz
for C > 1,000pF
≤ 2.5% at 1MHz for C ≤ 100pF
≤ 2.5% at 1kHz for C > 100pF
Insulation resistance at 25°C
under URC for URC ≤ 500V
under 500V for URC > 500V
≥ 20,000MΩ for C ≤ 25nF
≥ 500MΩ.
µF for C > 25nF
≥ 20,000MΩ for C ≤ 25nF
≥ 500MΩ.
µF for C> 25nF
Aging
None
≤ 2.5% per decade hour
BX and BR dielectrics available on request.
Discoidal Capacitors
TBC Series
HOW TO ORDER
TBC
2
81
W
T
10nF
10%
100 V
Series
Dielectric code
Exxelia
size code
RoHS
compliant
Central conductor
Capacitance
Tolerance
Rated
voltage
TBC = discoidal
capacitors
1 = NPO
2 = X7R
14
82
78
99
77
12
13
81
- = No RoHS
W = RoHS
compliant
-: no central lead
T = Central lead
requested
Capacitance value
in clear
NPO:
±1% (Cap. value ≥ 27pF)
±2% (Cap. value ≥ 15pF)
±5%
±10%
±20%
X7R:
±10%
±20%
25 V
50 V
100 V
150 V
200 V
250 V
300 V
500 V
1,000 V


Similar Part No. - TBC

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
TBC ADVANTECH-TBC Datasheet
785Kb / 2P
LPWAN Connectivity Edge Intelligence Server
TBC ADVANTECH-TBC Datasheet
1Mb / 2P
In-Vehicle NVR w/4 PoE Ports Intel Atom E3825
logo
France Joint
TBC FRANCEJOINT-TBC Datasheet
434Kb / 5P
STANDARD SHAFT SEALS
logo
Automatic Timing & Cont...
TBC ATC-TBC Datasheet
358Kb / 1P
On-Delay DIP Switch TDR
logo
Axiomtek Co., Ltd.
TBC AXIOMTEK-TBC Datasheet
489Kb / 2P
ATX Motherboard with LGA4677 Socket 5th/4th Gen Intel® Xeon® Scalable Processors, Intel® C741, 5 PCIe x16, VGA, IPMI, USB 3.2, and NVMe
Feb. 25, 2025.
More results

Similar Description - TBC

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32321 TDK-B32321 Datasheet
393Kb / 10P
Film capacitors ??AC capacitors Motor run capacitors
B32328 TDK-B32328 Datasheet
299Kb / 8P
Film capacitors - AC capacitors Motor run capacitors
B32330 TDK-B32330 Datasheet
731Kb / 7P
Film capacitors - AC capacitors Motor run capacitors
B32333-250 TDK-B32333-250 Datasheet
151Kb / 7P
Film Capacitors ??AC Capacitors Motor run capacitors
B32333-450 TDK-B32333-450 Datasheet
288Kb / 7P
Film Capacitors ??AC Capacitors Motor run capacitors
B32335-450 TDK-B32335-450 Datasheet
362Kb / 7P
Film Capacitors ??AC capacitors Motor run capacitors
B32332 TDK-B32332 Datasheet
260Kb / 8P
Film Capacitors ??AC Capacitors Motor run capacitors
B32335 TDK-B32335_16 Datasheet
258Kb / 9P
Film Capacitors ??AC Capacitors Motor run capacitors
B32356 TDK-B32356_16 Datasheet
145Kb / 7P
Film Capacitors ??AC Capacitors Motor run capacitors
logo
API Technologies Corp
SCI-9945-125H APITECH-SCI-9945-125H Datasheet
128Kb / 1P
Rugged monolithic discoidal capacitor construction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com