Electronic Components Datasheet Search
  English  ▼

X  

TCK Datasheet(PDF) 1 Page - Exxelia Group

Part # TCK
Description  High Voltage Molded Leaded Capacitors
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXXELIA [Exxelia Group]
Direct Link  https://exxelia.com/en/
Logo EXXELIA - Exxelia Group

TCK Datasheet(HTML) 1 Page - Exxelia Group

  TCK Datasheet HTML 1Page - Exxelia Group TCK Datasheet HTML 2Page - Exxelia Group TCK Datasheet HTML 3Page - Exxelia Group TCK Datasheet HTML 4Page - Exxelia Group TCK Datasheet HTML 5Page - Exxelia Group TCK Datasheet HTML 6Page - Exxelia Group TCK Datasheet HTML 7Page - Exxelia Group TCK Datasheet HTML 8Page - Exxelia Group TCK Datasheet HTML 9Page - Exxelia Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CERAMIC CAPACITORS
62
www.exxelia.com
Taping : dimensions
Page revised 10/22
HOW TO ORDER
TCK
1
82
UL
W
F
680pF
10%
4,000 V
-
B
Series
Dielectric
code
Exxelia
size code
UL94VO
compliant
RoHS
compliant
Quality level
Capacitance
Tolerance
Rated voltage
Packaging
Reliability level
TCK = Molded
radial leaded
capacitor
1 = NPO
2 = X7R
4 = C4xx
79
90
80
91
81
82
83
84
89
85
87
88
- = not UL
compliant
UL = UL94VO
compliant
- = No RoHS
W = RoHS
compliant
- = standard quality level
F = Hi-Rel quality:
screening
in accordance with
Exxelia specification
Capacitance value
in clear
NPO dielectric:
±1%
±2%
±5%
±10%
±20%
C4xx dielectric:
±2%
±5%
±10%
±20%
X7R dielectric:
±10%
±20%
200 V
500 V
1,000 V
1,500 V
2,000 V
3,000 V
4,000 V
5,000 V
Intermediary and
higher voltages
available: contact
your sales
representative.
B = Reel option:
Contact your sales
representative.
For F parts only.
Acc. to Exxelia spec.
-
T5
T6
See page 15
ELECTRICAL SPECIFICATIONS
DIELECTRIC
NPO
C4xx
X7R
Dielectriccode
1
4
2
Maximum ΔC/°C
over temperature range without
voltage
NA
NA
±15%
Temperature coefficient
(0±30) ppm/°C
(–2,200±500) ppm/°C
NA
Aging
None
None
≤ 2.5% per decade hour
Operating temperature
–55°C to +125°C
Rated voltage (URC)
200 VDC to
5,000 VDC
200 VDC to
5,000 VDC
200 VDC to
5,000 VDC
Dielectric
withstanding voltage
2.5 URC for URC ≤ 500 VDC
1.6 URC for URC ≥ 1,000 VDC
Extended range:
2 URC for URC ≤ 500 VDC
1.3 URC for URC ≥ 1,000 VDC
2.5 URC for URC = 200 VDC
2 URC for URC = 500 VDC
1.5 URC for URC = 1,000 VDC
1.4 URC for URC > 1,000 VDC
Extended range:
1.5 URC for URC ≤ 500 VDC
1.2 URC for URC ≥ 1,000 VDC
2.5 URC for URC = 200 VDC
2 URC for URC = 500 VDC
1.5 URC for URC = 1,000 VDC
1.2 URC for URC > 1,000 VDC
Extended range:
1.5 URC for URC ≤ 500 VDC
1.2 URC for URC ≥ 1,000 VDC
Capacitance
at 1MHz for C ≤ 1,000pf
at 1kHz for C > 1,000pf
at 1kHz
at 1kHz
Dissipation factor
≤ 0.015(150/C+7)%at1MHz
for C ≤ 50pf
≤ 0.10% at 1kHz
≤ 2.5% at 1kHz
≤ 0.15% at 1MHz
for 50pf < C ≤ 1,000pf
≤ 0.15% at 1kHz
for C > 1,000pf
Insulation resistance at 25°C
under URC for URC ≤ 500 V
under 500 VDC for URC > 500 V
≥ 100,000 MΩ for C ≤ 10nf
≥ 1,000 MΩ.
µF for C > 10nf
≥ 20,000 MΩ for C ≤ 25nf
≥ 500 MΩ.
µF for C > 25nf
Voltage proof body
insulation
Under URC for URC ≤ 1,250 VDC
Under 1,300 VDC for URC > 1,250 VDC
FEATURES
• Multilayer chip ceramic capacitors
• NPO, C4xx and X7R dielectrics
• Capacitance range: 10pf to 39
µF
• Voltage range: 200 VDC to 5,000 VDC
PHYSICAL CHARACTERISTICS
CONSTRUCTION
Varnished radial leaded chip capacitors for through-hole
circuits. Models suited to applications for reduced size is
required with minimum exposure to external constraint, or
to assemblies potted by the user.
MARKING
Series, capacitance value, tolerance, rated voltage coded,
date code.
TCK Series
High Voltage Molded Leaded Capacitors
ESA Qualified
According to
Available space ranges:
consult our detail
specifications


Similar Part No. - TCK

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TCK-017 TRACOPOWER-TCK-017 Datasheet
493Kb / 1P
Common Mode Choke
Rev. November 30, 2022
TCK-019 TRACOPOWER-TCK-019 Datasheet
479Kb / 1P
Common Mode Choke
Rev. November 30, 2022
TCK-026 TRACOPOWER-TCK-026 Datasheet
500Kb / 1P
Common Mode Choke
Rev. November 30, 2022
TCK-044 TRACOPOWER-TCK-044 Datasheet
311Kb / 1P
Inductor
Rev. November 30, 2022
TCK-045 TRACOPOWER-TCK-045 Datasheet
313Kb / 1P
Inductor
Rev. November 30, 2022
More results

Similar Description - TCK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
173D VISHAY-173D Datasheet
81Kb / 6P
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
13-Jun-02
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
logo
AVX Corporation
3009034 AVX-3009034 Datasheet
95Kb / 6P
ESCC Qualified SMPS Capacitors High Voltage Chip/Leaded Capacitors
logo
Voltage Multipliers Inc...
K25F VMI-K25F_13 Datasheet
139Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??200ns ??Axial Leaded
K25S VMI-K25S_13 Datasheet
101Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??3000ns ??Axial Leaded
K25UF VMI-K25UF_13 Datasheet
102Kb / 2P
High Voltage Diodes - Epoxy Molded 1.5A - 3.0A ??100ns ??Axial Leaded
logo
AVX Corporation
3001034B102KM AVX-3001034B102KM Datasheet
98Kb / 6P
High Voltage Chip/Leaded Capacitors
logo
Exxelia Group
TCL EXXELIA-TCL Datasheet
793Kb / 18P
High Voltage Varnished Leaded Capacitors
02/21
TKD EXXELIA-TKD Datasheet
791Kb / 17P
High Voltage Conformal Coated Leaded Capacitors
02/21
TCF EXXELIA-TCF Datasheet
793Kb / 18P
High Voltage Conformal Coated Leaded Capacitors
revised 02/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com