Electronic Components Datasheet Search
  English  ▼

X  

2M60 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # 2M60
Description  Camera Link Areascan Cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

2M60 Datasheet(HTML) 1 Page - ATMEL Corporation

  2M60 Datasheet HTML 1Page - ATMEL Corporation 2M60 Datasheet HTML 2Page - ATMEL Corporation 2M60 Datasheet HTML 3Page - ATMEL Corporation 2M60 Datasheet HTML 4Page - ATMEL Corporation 2M60 Datasheet HTML 5Page - ATMEL Corporation 2M60 Datasheet HTML 6Page - ATMEL Corporation 2M60 Datasheet HTML 7Page - ATMEL Corporation 2M60 Datasheet HTML 8Page - ATMEL Corporation 2M60 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Main Features
• High Sensitivity and High SNR Performance 2/3" CMOS Sensor
• Total Resolution of 2.5M (with 5 µm Square Pixels)
• High Data Rate: 150 Mpixels/s Provides 60 Frame/s at 2M Resolution (for 2M60)
• Camera Link® Data Format (Base Configuration - 2 Channels)
• Flexible and Easy to Operate via Serial Communication Control
– Gain: 0 dB to 18 dB in 3 dB Steps
– Bit Depth: 8, 10 or 12-bit Data
– Contrast Expansion
– Shutter Time Pogrammable
– Trigger Mode: Free-run or External Trigger Mode
– Programmable ROI
– Test Pattern
• Column FPN Correction
• Programmable Look-up Table
• Single Power Supply: DC 12V to 24V Provided on Hirose-6 Connector
• Input TTL Trigger Signal and Output TTL Shutter Signal on Hirose-5 Connector
• Compact Design: 44 × 44 × 45 mm (w, h, l)
• C-mount Adapter
• High Reliability - CE and FCC Compliant
Product Description
This camera features an outstanding sensitivity and dynamic range even at maximal
speeds. The ROI allows to increase the frame rate (for instance, 157 fps in VGA
format 2M60). ATMOS™ cameras are based on a rolling shutter CMOS sensor.
The configuration interface provides access to advanced functions (contrast expan-
sion, image calibration, LUT). The versatile and compact mechanical housing enables
you to implement various configurations.
These features combined with a compelling price, make ATMOS an attractive alterna-
tive for demanding users of megapixel cameras.
Applications
High-speed, dynamic range performance and reliability of this camera make it suitable
for machine vision, especially:
• Material Inspection (e.g. glass, IC, PCB)
• Robot Guidance
• Metrology
and various applications like:
• Microscopy
• Surveillance Demanding Tasks
Camera Link®
Areascan
Cameras
ATMOS™ 2M60
ATMOS™ 2M30
Preliminary
5440A–IMAGE–10/05


Similar Part No. - 2M60

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
2M6.8Z TSC-2M6.8Z Datasheet
629Kb / 4P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M6.8Z TSC-2M6.8Z Datasheet
260Kb / 6P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M6.8Z TSC-2M6.8Z Datasheet
214Kb / 6P
2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
2M6.8Z TSC-2M6.8Z_13 Datasheet
260Kb / 6P
2.0 Watts Glass Passivated Junction Silicon Zener Diodes
2M6.8Z TSC-2M6.8Z_15 Datasheet
214Kb / 6P
2W, 6.8V - 200V Glass Passivated Junction Silicon Zener Diodes
More results

Similar Description - 2M60

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2501 NSC-LM2501 Datasheet
302Kb / 14P
Mobile Pixel Link (MPL) Camera Interface Serializer and Deserializer
logo
ATMEL Corporation
1M60 ATMEL-1M60 Datasheet
375Kb / 26P
CameraLink Areascan Cameras
logo
National Instruments Co...
PCIE-1429 NI-PCIE-1429 Datasheet
369Kb / 3P
Full-Configuration Camera Link Image Acquisition
NI1428 NI-NI1428 Datasheet
55Kb / 3P
Camera Link Image Acquisition
NIPCIE-1430 NI-NIPCIE-1430 Datasheet
145Kb / 4P
Dual-Channel Camera Link Image Acquisition
logo
Texas Instruments
DS90UB960-Q1 TI1-DS90UB960-Q1 Datasheet
201Kb / 6P
Quad 2MP Camera Hub FPD-Link III Deserializer
logo
Sangdest Microelectroni...
SMP3030-01ETG SMC-SMP3030-01ETG Datasheet
283Kb / 5P
Digital Cameras
logo
Laird Tech Smart Techno...
ET20 LSTD-ET20 Datasheet
562Kb / 2P
CCD cameras
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
Digital still cameras
06-Feb-2014
logo
OmniVision Technologies...
OV4689 OMNIVISION-OV4689 Datasheet
1Mb / 2P
IP Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com