Electronic Components Datasheet Search
  English  ▼

X  

2M30 Datasheet(PDF) 19 Page - ATMEL Corporation

Part # 2M30
Description  Camera Link Areascan Cameras
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

2M30 Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button 2M30 Datasheet HTML 15Page - ATMEL Corporation 2M30 Datasheet HTML 16Page - ATMEL Corporation 2M30 Datasheet HTML 17Page - ATMEL Corporation 2M30 Datasheet HTML 18Page - ATMEL Corporation 2M30 Datasheet HTML 19Page - ATMEL Corporation 2M30 Datasheet HTML 20Page - ATMEL Corporation 2M30 Datasheet HTML 21Page - ATMEL Corporation 2M30 Datasheet HTML 22Page - ATMEL Corporation 2M30 Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
5440A–IMAGE–10/05
[Preliminary] ATMOS -2M60/2M30
6.4.2
Camera Settings Memory
ATMOS cameras have 5 banks to save settings:
• Bank 0 contains the factory settings. This bank cannot be modified by the user
• Bank 1 to 4 are used to store 4 different settings
• Bank 1 might be protected by an advanced user (see Register @ 104H). Contact Atmel for
details
7.
Connector Description
All connectors are on the rear panel. Better results are obtained by using shielded cables (foil
and braid shielded).
Note: cables for digital signals shall be twisted pairs.
7.1
Power Supply
Camera connector type: Hirose HR10A-7R-6PB (male)
Cable connector type: Hirose HR10A-7P-6S (female)
Figure 7-1.
Power Supply Pinout
Power Connector : J01
Signal
Pin
Signal
Pin
PWR
1
GND
4
NC
2
NC
5
PWR
3
GND
6
1
2
3
6
5
4
Receptacle Viewed from Camera Back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com