Electronic Components Datasheet Search
  English  ▼

X  

BFG197/X Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFG197/X
Description  NPN 7 GHz wideband transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG197/X Datasheet(HTML) 3 Page - NXP Semiconductors

  BFG197/X Datasheet HTML 1Page - NXP Semiconductors BFG197/X Datasheet HTML 2Page - NXP Semiconductors BFG197/X Datasheet HTML 3Page - NXP Semiconductors BFG197/X Datasheet HTML 4Page - NXP Semiconductors BFG197/X Datasheet HTML 5Page - NXP Semiconductors BFG197/X Datasheet HTML 6Page - NXP Semiconductors BFG197/X Datasheet HTML 7Page - NXP Semiconductors BFG197/X Datasheet HTML 8Page - NXP Semiconductors BFG197/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1995 Sep 13
3
Philips Semiconductors
Product specification
NPN 7 GHz wideband transistor
BFG197; BFG197/X;
BFG197/XR
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL CHARACTERISTICS
Note
1. TS is the temperature at the soldering point of the collector tab.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. GUM is the maximum unilateral power gain, assuming S12 is zero and
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
10
V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
collector current
DC value, continuous
−
100
mA
Ptot
total power dissipation
up to Ts =75 °C; note 1
−
350
mW
Tstg
storage temperature range
−65
+150
°C
Tj
junction operating temperature
−
175
°C
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-s
from junction to soldering point; note 1
290
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector leakage current
IE = 0; VCB =5V
−−
100
nA
hFE
DC current gain
IC = 50 mA; VCE =5V
40
110
−
Cc
collector capacitance
IE =ie = 0; VCB = 8 V; f = 1 MHz
−
1.5
−
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz
−
3.3
−
pF
Cre
feedback capacitance
IC =ic = 0; VCB =8V; f=1MHz
−
0.85
−
pF
fT
transition frequency
IC = 50 mA; VCE = 4 V; f = 2 GHz
−
7.5
−
GHz
GUM
maximum unilateral power gain
(note 1)
IC = 50 mA; VCE =6V;
Tamb =25 °C; f = 1 GHz
−
16
−
dB
IC = 50 mA; VCE =6V;
Tamb =25 °C; f = 2 GHz
−
10
−
dB
F
noise figure
Γ
s = Γopt; IC = 15 mA; VCE =8V;
Tamb =25 °C; f = 1 GHz
−
1.7
−
dB
Γs = Γopt; IC = 50 mA; VCE =6V;
Tamb =25 °C; f = 2 GHz
−
2.3
−
dB
d2
second order intermodulation
distortion
VCE =6V;Vo = 50 dBmV;
−−51
−
dB
G
UM
10
s
21
2
1s
11
2
–
() 1s
22
2
–
()
------------------------------------------------------------ dB.
log
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com