Electronic Components Datasheet Search
  English  ▼

X  

68784 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 68784
Description  0.65mm (.0256”) Pitch Micro-USB Interconnect Solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

68784 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  68784 Datasheet HTML 1Page - Molex Electronics Ltd. 68784 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SAP No. 9876503261
©2009, Molex
Regional Markets, Applications and Typical Customers
www.molex.com/product/microusb.html
0.65mm (.0256”) Pitch
Micro-USB
Interconnect Solution
47346, 47491, 47589,
47590, 47642, 47654
105017
Receptacles
68784
Cable Assemblies
Mobile phones
Portable devices
- PDA, GPS, MP3 players
- Portable digital video players
- Digital still cameras
- Digital video cameras
Peripherals
- Photo printers
- Mouse, Keyboards
- Flash drives
Accessories
- Vehicle battery chargers
Portable Devices
Peripherals
Mobile Phone
Connectors
Cable Assemblies
28AWG
28AWG
28AWG
Wire Size
Bag
Bag
Bag
Packaging
USB Shielded I/O Cable Assembly, USB ‘A’ to Micro-USB ‘B’, 2.00m (6.56') Length, Black, Lead free
USB Shielded I/O Cable Assembly, USB ‘A’ to Micro-USB ‘B’, 1.50m (4.92') Length, Black, Lead free
USB Shielded I/O Cable Assembly, USB ‘A’ to Micro-USB ‘B’, 1.00m (3.28') Length, Black, Lead free
Description
68784-0003
68784-0002
68784-0001
Order No.
5.45
5.45
7.25
7.25
9.15
5.60
6.80
5.80
Max. Depth
(mm)
None
None
Yes
None
None
None
None
None
With Mylar
8.00
3.30
Bottom-mount
Type ‘B’
105017-0001
8.00
2.95
Bottom-mount
Type ‘B’
47346-0001
10.2
2.95
Mid-mount
Type ‘B’
47642-0011
10.2
2.95
Mid-mount
Type ‘B’
47642-0001
11.00
2.95
Mid-mount
Type ‘B’
47491-0001
8.20
3.00
Bottom-mount
Type ‘AB’
47589-0001
10.45
2.95
Mid-mount
Type ‘AB’
47654-0001
8.00
3.35
Top-mount
Type ‘AB’
Gold Flash over
0.75micron
Palladium/Nickel
min.
47590-0001
Max. Width
(mm)
Max. Height
(mm)
Mount Type
Type
Plating
Order No.
ORDERING INFORMATION
MARKETS AND APPLICATIONS
For variations in length, color, cable configurations or custom-design Micro-USB cable assemblies, please contact a Molex sales person



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com