Electronic Components Datasheet Search
  English  ▼

X  

74FCT3244ASOG8 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 74FCT3244ASOG8
Description  3.3V CMOS OCTAL BUFFER/LINE DRIVER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74FCT3244ASOG8 Datasheet(HTML) 6 Page - Renesas Technology Corp

  74FCT3244ASOG8 Datasheet HTML 1Page - Renesas Technology Corp 74FCT3244ASOG8 Datasheet HTML 2Page - Renesas Technology Corp 74FCT3244ASOG8 Datasheet HTML 3Page - Renesas Technology Corp 74FCT3244ASOG8 Datasheet HTML 4Page - Renesas Technology Corp 74FCT3244ASOG8 Datasheet HTML 5Page - Renesas Technology Corp 74FCT3244ASOG8 Datasheet HTML 6Page - Renesas Technology Corp 74FCT3244ASOG8 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
Feb.11.20
INDUSTRIALTEMPERATURERANGE
74FCT3244/A
3.3VCMOSOCTALBUFFER/LINEDRIVER
ORDERING INFORMATION
XX
Temp. Range
FCT
XXXX
Device Type
XX
Package
Octal Buffer/Line Driver
244
244A
74
-40°C to +85°C
Tube
Tape and Reel
Blank
8
X
SO
PY
Q
PG
Small Outline IC (PSG20)
Shrink Small Outline Package (PYG20)
Quarter-size Small Outline Package (PCG20)
Thin Shrink Small Outline Package (PGG20)
3
3.3 Volt
X
Family
X
G
Green
Datasheet Document History
09/30/2009
Pg. 6
Updated the ordering information by removing the "IDT" notation and non RoHS part.
08/31/2011
Pg. 6
AddedPGGtoorderinginformation.
07/31/2017
Pgs. 2, 6
Addedtableunderpinconfigurationdiagramwithdetailedpackageinformation.Updatedtheorderinginformation
diagram adding Tube, Tape and Reel. Added new table of orderable part information.
05/23/2018
Pg. 6
Updatednewtableoforderablepartinformation.
02/11/2020
Pgs. 1-7
RebrandedasRenesasdatasheet.
Orderable Part Information
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
A
74FCT3244APGG
PGG20
TSSOP
I
74FCT3244APGG8
PGG20
TSSOP
I
74FCT3244APYG
PYG20
SSOP
I
74FCT3244APYG8
PYG20
SSOP
I
74FCT3244AQG
PCG20
QSOP
I
74FCT3244AQG8
PCG20
QSOP
I
74FCT3244ASOG
PSG20
SOIC
I
74FCT3244ASOG8
PSG20
SOIC
I
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
74FCT3244PGG
PGG20
TSSOP
I
74FCT3244PGG8
PGG20
TSSOP
I
74FCT3244PYG
PYG20
SSOP
I
74FCT3244PYG8
PYG20
SSOP
I
74FCT3244QG
PCG20
QSOP
I
74FCT3244QG8
PCG20
QSOP
I
74FCT3244SOG
PSG20
SOIC
I
74FCT3244SOG8
PSG20
SOIC
I



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com