Electronic Components Datasheet Search
  English  ▼

X  

BFG25AW/X Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFG25AW/X
Description  NPN 5 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG25AW/X Datasheet(HTML) 2 Page - NXP Semiconductors

  BFG25AW/X Datasheet HTML 1Page - NXP Semiconductors BFG25AW/X Datasheet HTML 2Page - NXP Semiconductors BFG25AW/X Datasheet HTML 3Page - NXP Semiconductors BFG25AW/X Datasheet HTML 4Page - NXP Semiconductors BFG25AW/X Datasheet HTML 5Page - NXP Semiconductors BFG25AW/X Datasheet HTML 6Page - NXP Semiconductors BFG25AW/X Datasheet HTML 7Page - NXP Semiconductors BFG25AW/X Datasheet HTML 8Page - NXP Semiconductors BFG25AW/X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1998 Sep 23
2
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistors
BFG25AW; BFG25AW/X
FEATURES
• Low current consumption
(100
µA to 1 mA)
• Low noise figure
• Gold metallization ensures
excellent reliability.
APPLICATIONS
Wideband applications in UHF low
power amplifiers, such as pocket
telephones and paging systems.
DESCRIPTION
NPN silicon planar epitaxial transistor
in a 4-pin dual-emitter SOT343N
plastic package.
PINNING
PIN
DESCRIPTION
BFG25AW
1
collector
2
base
3
emitter
4
emitter
BFG25AW/X
1
collector
2
emitter
3
base
4
emitter
MARKING
TYPE NUMBER
CODE
BFG25AW
N6
BFG25AW/X
V1
Fig.1 SOT343N.
fpage
Top view
MBK523
2
1
3
4
QUICK REFERENCE DATA
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX. UNIT
VCBO
collector-base voltage
open emitter
−−
8V
VCEO
collector-emitter voltage
open base
−−
5V
IC
collector current (DC)
−−
6.5
mA
Ptot
total power dissipation
Ts ≤ 85 °C
−−
500
mW
hFE
DC current gain
IC = 0.5 mA; VCE = 1 V
5080200
Cre
feedback capacitance
IC = 0; VCE = 1 V; f = 1 MHz
−
0.2
0.3
pF
fT
transition frequency
IC = 1 mA; VCE = 1 V; f = 500 MHz; Tamb =25 °C 3.5
5
−
GHz
GUM
maximum unilateral
power gain
IC = 0.5 mA; VCE = 1 V; f = 1 GHz; Tamb =25 °C
−
16
−
dB
F
noise figure
Γ
s =Γopt; IC = 1 mA; VCE =1V; f=1GHz
−
2
−
dB
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
8V
VCEO
collector-emitter voltage
open base
−
5V
VEBO
emitter-base voltage
open collector
−
2V
IC
collector current (DC)
−
6.5
mA
Ptot
total power dissipation
Ts ≤ 85 °C; see Fig.2; note 1
−
500
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
175
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com