Electronic Components Datasheet Search
  English  ▼

X  

74541 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 74541
Description  FAST CMOS 16-BIT BUFFER/LINE DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

74541 Datasheet(HTML) 1 Page - Renesas Technology Corp

  74541 Datasheet HTML 1Page - Renesas Technology Corp 74541 Datasheet HTML 2Page - Renesas Technology Corp 74541 Datasheet HTML 3Page - Renesas Technology Corp 74541 Datasheet HTML 4Page - Renesas Technology Corp 74541 Datasheet HTML 5Page - Renesas Technology Corp 74541 Datasheet HTML 6Page - Renesas Technology Corp 74541 Datasheet HTML 7Page - Renesas Technology Corp 74541 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT162244T/AT/CT/ET
FASTCMOS16-BITBUFFER/LINEDRIVER
1
SEPTEMBER 2009
IDT54/74FCT162244T/AT/CT/ET
MILITARY AND INDUSTRIAL TEMPERATURE RANGES
FAST CMOS 16-BIT
BUFFER/LINE DRIVER
DESCRIPTION:
The FCT162244T 16-Bit Buffer/Line Driver is for bus interface or signal
buffering applications requiring high speed and low power dissipation. These
devices have a flow through pin organization, and shrink packaging to simplify
boardlayout. Allinputsaredesignedwithhysteresisforimprovednoisemargin.
The three-state controls allow independent 4-bit, 8-bit or combined 16-bit
operation. These parts are plug in replacements for 54/74ABT16244 where
higher speed, lower noise or lower power dissipation levels are desired.
The FCT162244T has balanced output current levels and current limiting
resistors. These offer low ground bounce, minimal undershoot, and controlled
outputfalltimes,reducingtheneedforexternalseriesterminatingresistorswhile
still providing very high speed operation for loads of less than 200pF.
3
OE
3
A1
3
A2
3
A3
3
A4
3
Y1
3
Y2
3
Y3
3
Y4
1
Y1
1
Y2
1
Y3
1
Y4
1
A1
1
A2
1
A3
1
A4
1
OE
4
OE
4
A1
4
A2
4
A3
4
A4
4
Y1
4
Y2
4
Y3
4
Y4
2
OE
2
A1
2
A2
2
A3
2
A4
2
Y1
2
Y2
2
Y3
2
Y4
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
© 2009 Integrated Device Technology, Inc.
DSC-5461/9
FEATURES:
• 0.5 MICRON CMOS Technology
• High-speed, low-power CMOS replacement for ABT functions
• Typical tSK(o) (Output Skew) < 250ps
• Low input and output leakage
≤≤≤≤≤ 1µA (max.)
• ESD > 2000V per MIL-STD-883, Method 3015; > 200V using
machine model (C = 200pF, R = 0)
• Balanced Output Drivers:
– ±24mA (industrial)
– ±16mA (military)
• Reduced system switching noise
• Typical VOLP (Output Ground Bounce) < 0.6V at VCC = 5V,
TA = 25°C
• Available in the following packages:
– Industrial: SSOP, TSSOP
– Military: CERPACK
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - 74541

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
74541 IDT-74541 Datasheet
230Kb / 9P
FAST CMOS OCTAL BUFFER/LINE DRIVERS
DECEMBER 1995
More results

Similar Description - 74541

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
Fast CMOS 16-Bit Buffer/Line Drivers
logo
Integrated Device Techn...
IDT74FCT163244CPVG IDT-IDT74FCT163244CPVG Datasheet
84Kb / 6P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com