Electronic Components Datasheet Search
  English  ▼

X  

P89LPC9381FDH Datasheet(PDF) 38 Page - NXP Semiconductors

Part # P89LPC9381FDH
Description  8-bit microcontroller with accelerated two-clock 80C51 core 4 kB 3 V byte-erasable flash with 10-bit ADC
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9381FDH Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button P89LPC9381FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 36Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 37Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 38Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 39Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 40Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 41Page - NXP Semiconductors P89LPC9381FDH Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 60 page
background image
P89LPC9381_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 8 September 2006
38 of 60
Philips Semiconductors
P89LPC9381
8-bit microcontroller with 10-bit ADC
provides for programming through a serial clock/serial data interface. As shipped from the
factory, the upper 512 B of user code space contains a serial ISP routine allowing for the
device to be programmed in circuit through the serial port. The flash may also be
programmed or erased using a commercially available EPROM programmer which
supports this device. This device does not provide for direct verification of code memory
contents. Instead, this device provides a 32-bit CRC result on either a sector or the entire
user code space.
7.26.6 ICP
In-Circuit Programming is performed without removing the microcontroller from the
system. The In-Circuit Programming facility consists of internal hardware resources to
facilitate remote programming of the P89LPC9381 through a two-wire serial interface. The
Philips In-Circuit Programming facility has made in-circuit programming in an embedded
application—using commercially available programmers—possible with a minimum of
additional expense in components and circuit board area. The ICP function uses five pins.
Only a small connector needs to be available to interface your application to a commercial
programmer in order to use this feature. Additional details may be found in the
P89LPC9381
User’s Manual.
7.26.7 IAP
In-Application Programming is performed in the application under the control of the
microcontroller’s firmware. The IAP facility consists of internal hardware resources to
facilitate programming and erasing. The Philips In-Application Programming has made
in-application programming in an embedded application possible without additional
components. Two methods are available to accomplish IAP. A set of predefined IAP
functions are provided in a Boot ROM and can be called through a common interface,
PGM_MTP. Several IAP calls are available for use by an application program to permit
selective erasing and programming of flash sectors, pages, security bits, configuration
bytes, and device ID. These functions are selected by setting up the microcontroller’s
registers before making a call to PGM_MTP at FF03H. The Boot ROM occupies the
program memory space at the top of the address space from FF00 to FEFF hex, thereby
not conflicting with the user program memory space.
In addition, IAP operations can be accomplished through the use of four SFRs consisting
of a control/status register, a data register, and two address registers. Additional details
may be found in the P89LPC9381
User’s Manual.
7.26.8 ISP
In-System Programming is performed without removing the microcontroller from the
system. The In-System Programming facility consists of a series of internal hardware
resources coupled with internal firmware to facilitate remote programming of the
P89LPC9381 through the serial port. This firmware is provided by Philips and embedded
within each P89LPC9381 device. The Philips In-System Programming facility has made
in-system programming in an embedded application possible with a minimum of additional
expense in components and circuit board area. The ISP function uses five pins (VDD,VSS,
TXD, RXD, and RST). Only a small connector needs to be available to interface your
application to an external circuit in order to use this feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com