Electronic Components Datasheet Search
  English  ▼

X  

MAC223A8 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MAC223A8
Description  isc Triacs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MAC223A8 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MAC223A8 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MAC223A8 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc Triacs
MAC223A8
FEATURES
·
With TO-220AB insulated package.
·
Off−State Voltages to 600 Volts
·
Gate Triggering Guaranteed in Four Modes
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive peak off-state voltage
600
V
VRRM
Repetitive peak reverse voltage
600
V
IT(RMS)
RMS on-state current (full sine wave)Tj=80℃
25
A
ITSM
Non-repetitive peak on-state current tp=8.3ms
250
A
I2t
Circuit Fusing(t=8.3ms)
260
A2S
Tj
Operating junction temperature
-40~125
℃
Tstg
Storage temperature
-40~150
℃
Rth(j-c)
Thermal resistance, junction to case
1.2
℃
/W


Similar Part No. - MAC223A8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MAC223A8 PHILIPS-MAC223A8 Datasheet
63Kb / 8P
Triacs
July 2001
logo
ON Semiconductor
MAC223A8 ONSEMI-MAC223A8 Datasheet
162Kb / 5P
Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
Motorola, Inc
MAC223A8FP MOTOROLA-MAC223A8FP Datasheet
65Kb / 4P
Silicon Bidirectional Triode Thyristors
logo
ON Semiconductor
MAC223A8FP ONSEMI-MAC223A8FP Datasheet
165Kb / 5P
Silicon Bidirectional Thyristors
August, 2006 ??Rev. 2
logo
New Jersey Semi-Conduct...
MAC223A8FP NJSEMI-MAC223A8FP Datasheet
142Kb / 2P
ISOLATED TRIACs THYRISTORS 25 AMPERES RMS 200 thru 800 VOLTS
More results

Similar Description - MAC223A8

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC225M ISC-TIC225M Datasheet
108Kb / 1P
isc Triacs
BTA10-600 ISC-BTA10-600 Datasheet
210Kb / 1P
isc Triacs
BTA12-600 ISC-BTA12-600 Datasheet
211Kb / 1P
isc Triacs
BTA20-600 ISC-BTA20-600 Datasheet
198Kb / 1P
isc Triacs
BTB04-600 ISC-BTB04-600 Datasheet
211Kb / 1P
isc Triacs
BT136 ISC-BT136 Datasheet
207Kb / 1P
isc Triacs
BTA12 ISC-BTA12 Datasheet
205Kb / 1P
isc Triacs
BTB06 ISC-BTB06 Datasheet
207Kb / 1P
isc Triacs
BTB10-800C ISC-BTB10-800C Datasheet
206Kb / 1P
isc Triacs
MAC218A10FP ISC-MAC218A10FP Datasheet
227Kb / 1P
isc Triacs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com