Electronic Components Datasheet Search
  English  ▼

X  

ADP3178JR Datasheet(PDF) 1 Page - Analog Devices

Part # ADP3178JR
Description  4-Bit Programmable Synchronous Buck Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3178JR Datasheet(HTML) 1 Page - Analog Devices

  ADP3178JR Datasheet HTML 1Page - Analog Devices ADP3178JR Datasheet HTML 2Page - Analog Devices ADP3178JR Datasheet HTML 3Page - Analog Devices ADP3178JR Datasheet HTML 4Page - Analog Devices ADP3178JR Datasheet HTML 5Page - Analog Devices ADP3178JR Datasheet HTML 6Page - Analog Devices ADP3178JR Datasheet HTML 7Page - Analog Devices ADP3178JR Datasheet HTML 8Page - Analog Devices ADP3178JR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices.
a
ADP3158/ADP3178
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2001
4-Bit Programmable
Synchronous Buck Controllers
FUNCTIONAL BLOCK DIAGRAM
gm
CMP
+
–
DRVH
LRDRV2
LRFB2
LRFB1
LRDRV1
COMP
DRVL
GND
CS–
CS+
PWM
DRIVE
VCC
CT
OSCILLATOR
UVLO
& BIAS
REFERENCE
REF
VLR1
VLR2
REF
VID DAC
DAC+20%
ADP3158/ ADP3178
VID3
VID2
VID1
VID0
FEATURES
Optimally Compensated Active Voltage Positioning
with Gain and Offset Adjustment (ADOPT™) for
Superior Load Transient Response
Complies with VRM Specifications with Lowest
System Cost
4-Bit Digitally Programmable 1.3 V to 2.05 V Output
N-Channel Synchronous Buck Driver
Total Accuracy
0.8% Over Temperature
Two On-Board Linear Regulator Controllers Designed
to Meet System Power Sequencing Requirements
High Efficiency Current-Mode Operation
Short Circuit Protection for Switching Regulator
Overvoltage Protection Crowbar Protects Micro-
processors with No Additional External Components
APPLICATIONS
Core Supply Voltage Generation for:
Intel Pentium® III
Intel Celeron™
GENERAL DESCRIPTION
The ADP3158 and ADP3178 are highly efficient synchronous
buck switching regulator controllers optimized for converting a
5 V main supply into the core supply voltage required by high-
performance processors. These devices use an internal 4-bit DAC
to read a voltage identification (VID) code directly from the
processor, which is used to set the output voltage between 1.3 V
and 2.05 V. They use a current mode, constant off-time archi-
tecture to drive two N-channel MOSFETs at a programmable
switching frequency that can be optimized for regulator size and
efficiency.
The ADP3158 and ADP3178 also use a unique supplemental
regulation technique called Analog Devices Optimal Positioning
Technology (ADOPT) to enhance load transient performance.
Active voltage positioning results in a dc/dc converter that
meets the stringent output voltage specifications for high-
performance processors, with the minimum number of output
capacitors and smallest footprint. Unlike voltage-mode and
standard current-mode architectures, active voltage positioning
adjusts the output voltage as a function of the load current so it
is always optimally positioned for a system transient. They also
provide accurate and reliable short circuit protection and
adjustable current limiting. The devices include an integrated
overvoltage crowbar function to protect the microprocessor
from destruction in case the core supply exceeds the nominal
programmed voltage by more than 20%.
The ADP3158 and ADP3178 contain two linear regulator
controllers that are designed to drive external N-channel
MOSFETs. The outputs are internally fixed at 2.5 V and 1.8 V
in the ADP3158, while the ADP3178 provides adjustable out-
puts that are set using an external resistor divider. These
linear regulators are used to generate the auxiliary voltages
(AGP, GTL, etc.) required in most motherboard designs,
and have been designed to provide a high bandwidth load-
transient response.
The ADP3158 and ADP3178 are specified over the commercial
temperature range of 0
°C to 70°C and are available in a 16-lead
SOIC package.
ADOPT is a trademark of Analog Devices, Inc.
Pentium is a registered trademark of Intel Corporation.
Celeron is a trademark of Intel Corporation.


Similar Part No. - ADP3178JR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3178JR AD-ADP3178JR Datasheet
190Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
More results

Similar Description - ADP3178JR

ManufacturerPart #DatasheetDescription
logo
UNISEM
US3022 UNISEM-US3022 Datasheet
61Kb / 7P
4 BIT PROGRAMMABLE SYNCHRONOUS BUCK PLUS FOUR LDO CONTROLLER
logo
Analog Devices
ADP3159 AD-ADP3159 Datasheet
231Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3164 AD-ADP3164 Datasheet
162Kb / 16P
5-Bit Programmable 4-Phase Synchronous Buck Controller
REV.0
logo
List of Unclassifed Man...
RT9233 ETC-RT9233 Datasheet
197Kb / 8P
4 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
logo
Analog Devices
ADP3158 AD-ADP3158 Datasheet
190Kb / 16P
4-Bit Programmable Synchronous Buck Controllers
ADP3168 AD-ADP3168 Datasheet
947Kb / 24P
6-Bit, Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
11/04-Rev. A to Rev. B
ADP3161 AD-ADP3161 Datasheet
164Kb / 12P
4-Bit Programmable 2-Phase Synchronous Buck Controller
REV.0
ADP3198 AD-ADP3198 Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
8/06-Rev. 0 to Rev. A.
ADP3192A AD-ADP3192A Datasheet
1Mb / 32P
8-Bit Programmable 2- to 4-Phase Synchronous Buck Controller
5/07-Revision 0
logo
ON Semiconductor
ADP3164 ONSEMI-ADP3164 Datasheet
256Kb / 15P
5-Bit Programmable 4-Phase Synchronous Buck Controller
May 2010 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com