Electronic Components Datasheet Search
  English  ▼

X  

LAT-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # LAT-2
Description  Miniature Surface Mount Fixed Attenuator (50ohm 0.5W 2dB DC to 2500MHz)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

LAT-2 Datasheet(HTML) 1 Page - Mini-Circuits

  LAT-2 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
Mini-Circuits ISO 9001 & ISO 14001 Certified
Typical Performance Data
Electrical Specifications at 25
°C
Maximum Ratings
Operating Temperature
-55°C to 85°C
Storage Temperature
-55°C to 100°C
Outline Drawing
Outline Dimensions (
)
inch
mm
LAT-2+
LAT-2
50
Ω
0.5W
2dB
DC to 2500 MHz
Fixed Attenuator
REV. D
M104321
LAT-2
060828
Miniature Surface Mount
Features
• wideband, DC to 2500 MHz
• excellent VSWR, through entire band
• miniature size, SOT143 package
• aqueous washable
Applications
• cellular
• PCS
• ISM
• VHF/UHF
FREQ.
RANGE
(MHz)
ATTENUATION
(dB)
Flatness, Max.
VSWR
(:1)
Max.
MAX.
INPUT
POWER 1
(W)
DC-0.5
DC-1
DC-2.5
DC-0.5
DC-1
DC-2.5
f
L--fU
Nom.
GHz
GHz
GHz
GHz
GHz
GHz
DC-2500
2
±0.3
0.3
0.4
0.7
1.2
1.3
1.5
0.5
CASE STYLE: MMM168
PRICE: $1.95 ea. QTY (10-49)
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
INPUT
4
OUTPUT
2
GROUND
1,3
Pin Connections
1. RF power at 25
°C case temperature: ½Watt. Derate linearly to 0.2 Watt at 85°C.
2. Flatness= variation over band divided by 2
Frequency
(MHz)
Attenuation
(dB)
VSWR
(:1)
designers kit available
Kit
No.
No. of Units
in Kit
Description
Price $
per Kit
K1-LAT
36
4 of ea. LAT-3(+), 6(+) ,10(+) ,15(+), 20(+)
2 of ea. LAT-1(+), 2(+), 4(+), 5(+), 7(+), 8(+), 9(+), 12(+)
59.95
AB
C
D
E
F
G
H
J
K
.045
.055
.105
.120
.047
.005
.083
.104
.070
.080
1.14
1.40
2.67
3.05
1.19
0.13
2.11
2.64
1.78
2.03
LM
N
P
Q
R
S
T
wt
.018
.24
.030
.036
.015
.021
.023
.005
grams
0.46
6.10
0.76
0.91
0.38
0.53
0.58
0.13
0.01
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002
LAT-2
ATTENUATION
2.0
2.1
2.2
2.3
2.4
2.5
2.6
0
500
1000
1500
2000
2500
FREQUENCY (MHz)
LAT-2
VSWR
1.00
1.05
1.10
1.15
1.20
1.25
0
500
1000
1500
2000
2500
FREQUENCY (MHz)
1.00
1.99
1.02
10.00
2.01
1.02
50.00
2.05
1.02
100.00
2.08
1.01
500.00
2.17
1.01
``
1000.00
2.23
1.04
1600.00
2.26
1.10
2000.00
2.34
1.14
2250.00
2.50
1.16
2500.00
2.46
1.19


Similar Part No. - LAT-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LAT-2+ MINI-LAT-2+ Datasheet
303Kb / 1P
DC to 2.5GHz
logo
List of Unclassifed Man...
LAT-2-652-10 ETC2-LAT-2-652-10 Datasheet
68Kb / 1P
Label Index by Size
LAT-2-747-10 ETC2-LAT-2-747-10 Datasheet
68Kb / 1P
Label Index by Size
logo
Mini-Circuits
LAT-20+ MINI-LAT-20+ Datasheet
303Kb / 1P
DC to 2.5GHz
logo
List of Unclassifed Man...
LAT-25-652-10 ETC2-LAT-25-652-10 Datasheet
68Kb / 1P
Label Index by Size
More results

Similar Description - LAT-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADAPTERS_BNC_SMA MINI-ADAPTERS_BNC_SMA Datasheet
109Kb / 2P
50OHM DC to 2 GHz
ADAPTERS-TYPE-N_SMA MINI-ADAPTERS-TYPE-N_SMA Datasheet
53Kb / 1P
50OHM, DC to 18 GHz
VAT-5 MINI-VAT-5 Datasheet
75Kb / 1P
SMA Fixed Attenuator (50ohm 1W 5dB DC to 6000 MHz)
logo
Anaren Microwave
RFP-250250-4Z50-2 ANAREN-RFP-250250-4Z50-2 Datasheet
506Kb / 2P
Surface Mount Terminations 16 Watts, 50ohm
logo
List of Unclassifed Man...
CATTEN-02R0 ETC2-CATTEN-02R0 Datasheet
319Kb / 2P
2dB Attenuator SMA 50 Ohm DC to 3GHz
logo
CRYSTEK CORPORATION
CATTEN-02R0 CRYSTEKMICROWAVE-CATTEN-02R0 Datasheet
319Kb / 2P
2dB Attenuator SMA 50 Ohm DC to 3GHz
logo
Diodes Incorporated
PD3Z284C2V4 DIODES-PD3Z284C2V4_08 Datasheet
165Kb / 4P
0.5W SURFACE MOUNT ZENER DIODE
DS30702 Rev. 9 - 2
logo
CRYSTEK CORPORATION
CATTEN-02R0 CRYSTEKMICROWAVE-CATTEN-02R0_08 Datasheet
329Kb / 2P
2dB Attenuator SMA 50 Ohm DC to 3GHz
logo
JFW Industries, Inc.
50FFP-XXX JFW-50FFP-XXX Datasheet
27Kb / 1P
DC PASSING FIXED ATTENUATOR
logo
Vishay Barry
AV0904GA-0200JN-91 BARRY-AV0904GA-0200JN-91 Datasheet
180Kb / 2P
.75W 2dB DC-30GHz Chip Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com