Electronic Components Datasheet Search
  English  ▼

X  

BFG520/X Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BFG520/X
Description  NPN 9 GHz wideband transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG520/X Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BFG520/X Datasheet HTML 4Page - NXP Semiconductors BFG520/X Datasheet HTML 5Page - NXP Semiconductors BFG520/X Datasheet HTML 6Page - NXP Semiconductors BFG520/X Datasheet HTML 7Page - NXP Semiconductors BFG520/X Datasheet HTML 8Page - NXP Semiconductors BFG520/X Datasheet HTML 9Page - NXP Semiconductors BFG520/X Datasheet HTML 10Page - NXP Semiconductors BFG520/X Datasheet HTML 11Page - NXP Semiconductors BFG520/X Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
September 1995
8
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFG520; BFG520/X; BFG520/XR
handbook, full pagewidth
MRA684
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0
0.2
0.5
1
2
5
0.2
0.5
1
2
5
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
stability
circle
pot. unst.
region
F = 3 dB
F = 2 dB
F = 1.5 dB
ΓOPT
Fmin = 1. 1 dB
Fig.15 Noise circle figure.
IC = 5 mA; VCE = 6 V;
f = 900 MHz; Zo =50 Ω.
Fig.16 Noise circle figure.
IC = 5 mA; VCE = 6 V;
f = 2 GHz; Zo =50 Ω.
handbook, full pagewidth
MRA685
0
0.2
0.6
0.4
0.8
1.0
1.0
5
2
1
0.5
0.2
0.2
0.5
1
2
5
2
5
180
°
−135°
−90°
−45°
0
°
45
°
90
°
135
°
F = 3 dB
F = 2.5 dB
ΓOPT
ΓMS
Fmin = 1. 9 dB
G = 12 dB
Gmax = 13 dB
G = 11 dB
G = 10 dB
F = 2 dB
0
0.2
0.5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com