Electronic Components Datasheet Search
  English  ▼

X  

ADN2891 Datasheet(PDF) 13 Page - Analog Devices

Part # ADN2891
Description  3.3 V, 3.2 Gbps, Limiting Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2891 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADN2891 Datasheet HTML 8Page - Analog Devices ADN2891 Datasheet HTML 9Page - Analog Devices ADN2891 Datasheet HTML 10Page - Analog Devices ADN2891 Datasheet HTML 11Page - Analog Devices ADN2891 Datasheet HTML 12Page - Analog Devices ADN2891 Datasheet HTML 13Page - Analog Devices ADN2891 Datasheet HTML 14Page - Analog Devices ADN2891 Datasheet HTML 15Page - Analog Devices ADN2891 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADN2891
Rev. A | Page 13 of 16
OUTLINE DIMENSIONS
1
0.50
BSC
0.60 MAX
PIN 1
INDICATOR
1.50 REF
0.50
0.40
0.30
0.25 MIN
0.45
2.75
BSC SQ
TOP
VIEW
12° MAX
0.80 MAX
0.65 TYP
SEATING
PLANE
PIN 1
INDICATOR
0.90
0.85
0.80
0.30
0.23
0.18
0.05 MAX
0.02 NOM
0.20 REF
3.00
BSC SQ
*1.65
1.50 SQ
1.35
16
5
13
8
9
12
4
EXPOSED
PAD
(BOTTOM VIEW)
*COMPLIANT TO JEDEC STANDARDS MO-220-VEED-2
EXCEPT FOR EXPOSED PAD DIMENSION.
Figure 22. 16-Lead Lead Frame Chip Scale Package [VQ_LFCSP]
3 mm × 3 mm Body, Very Thin Quad
(CP-16-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
Branding
ADN2891ACPZ-500RL7
–40°C to +95°C
16-Lead VQ_LFCSP, 500 pieces
CP-16-3
F04
1
ADN2891ACPZ-RL7
–40°C to +95°C
16-Lead VQ_LFCSP, 1,500 pieces
CP-16-3
F04
1
ADN2891ACPZ-RL
–40°C to +95°C
16-Lead VQ_LFCSP, 5,000 pieces
CP-16-3
F04
1
EVAL-ADN2891EB
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com