Electronic Components Datasheet Search
  English  ▼

X  

BFG540W/XR Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BFG540W/XR
Description  NPN 9 GHz wideband transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG540W/XR Datasheet(HTML) 2 Page - NXP Semiconductors

  BFG540W/XR Datasheet HTML 1Page - NXP Semiconductors BFG540W/XR Datasheet HTML 2Page - NXP Semiconductors BFG540W/XR Datasheet HTML 3Page - NXP Semiconductors BFG540W/XR Datasheet HTML 4Page - NXP Semiconductors BFG540W/XR Datasheet HTML 5Page - NXP Semiconductors BFG540W/XR Datasheet HTML 6Page - NXP Semiconductors BFG540W/XR Datasheet HTML 7Page - NXP Semiconductors BFG540W/XR Datasheet HTML 8Page - NXP Semiconductors BFG540W/XR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
1997 Dec 04
2
Philips Semiconductors
Product specification
NPN 9 GHz wideband transistor
BFG540W
BFG540W/X; BFG540W/XR
FEATURES
• High power gain
• Low noise figure
• High transition frequency
• Gold metallization ensures
excellent reliability.
APPLICATIONS
They are intended for applications in
the RF front end, in wideband
applications in the GHz range such as
analog and digital cellular telephones,
cordless telephones (CT2, CT3,
PCN, DECT, etc.), radar detectors,
pagers, satellite television tuners
(SATV), MATV/CATV amplifiers and
repeater amplifiers in fibre-optic
systems.
DESCRIPTION
NPN silicon planar epitaxial
transistors in plastic, 4-pin
dual-emitter SOT343N and SOT343R
packages.
MARKING
PINNING
TYPE NUMBER
CODE
BFG540W
N9
BFG540W/X
N7
BFG540W/XR
N8
PIN
DESCRIPTION
BFG540W (see Fig.1)
1
collector
2
base
3
emitter
4
emitter
BFG540W/X (see Fig.1)
1
collector
2
emitter
3
base
4
emitter
BFG540W/XR (see Fig.2)
1
collector
2
emitter
3
base
4
emitter
Fig.1 SOT343N.
page
Top view
MSB014
12
3
4
Fig.2 SOT343R.
page
Top view
MSB842
21
4
3
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
MIN. TYP. MAX. UNIT
VCBO
collector-base voltage
open emitter
−−
20
V
VCES
collector-emitter voltage
RBE =0
−−
15
V
IC
collector current (DC)
−−
120
mA
Ptot
total power dissipation
up to Ts =85 °C
−−
500
mW
hFE
DC current gain
IC = 40 mA; VCE = 8 V
60
120
250
Cre
feedback capacitance
IC = 0; VCB = 8 V; f = 1 MHz
−
0.5
−
pF
fT
transition frequency
IC = 40 mA; VCE = 8 V; f = 1 GHz; Tamb =25 °C
−
9
−
GHz
GUM
maximum unilateral
power gain
IC = 40 mA; VCE = 8 V; f = 900 MHz; Tamb =25 °C −
16
−
dB
IC = 40 mA; VCE = 8 V; f = 2 GHz; Tamb =25 °C10
−
dB
|s21|2
insertion power gain
IC = 40 mA; VCE = 8 V; f = 900 MHz; Tamb =25 °C14
15
−
dB
F
noise figure
Γ
s =Γopt; IC = 10 mA; VCE =8V; f=2GHz
−
2.1
−
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com