Electronic Components Datasheet Search
  English  ▼

X  

CYT4DNJBAS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # CYT4DNJBAS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBAS Datasheet(HTML) 1 Page - Infineon Technologies AG

  CYT4DNJBAS Datasheet HTML 1Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 2Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 3Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 4Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 5Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 6Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 7Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 8Page - Infineon Technologies AG CYT4DNJBAS Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 209 page
background image
Datasheet
Please read the Important Notice and Warnings at the end of this document
002-24601 Rev. *I
www.infineon.com
page 1
2023-02-14
CYT4DN
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
General description
CYT4DN is a family of TRAVEO™ T2G microcontrollers targeted at automotive systems such as instrument clusters
and Head-Up Displays (HUD). CYT4DN has a 2D Graphics engine, Sound Processing, two Arm® Cortex®-M7 CPUs
for primary processing, and an Arm® Cortex®-M0+ CPU for peripheral and security processing. These devices
contain embedded peripherals supporting controller area network with flexible data rate (CAN FD), local
interconnect network (LIN), clock extension peripheral interface (CXPI), and Gigabit Ethernet. TRAVEO™ T2G
devices are manufactured on an advanced 40-nm process. CYT4DN incorporates a low-power flash memory,
multiple high-performance analog and digital peripherals, and enables the creation of a secure computing
platform.
Features
• Graphics subsystem
- Supports 2D and 2.5D (perspective warping, 3D effects) graphics rendering
- Up to 30-bit color resolution (RGB)
- 4096 KB of embedded video RAM memory (VRAM)
- Up to two video output interfaces supporting two displays from
• Parallel RGB (max display size: 1600 × 600 at 80 MHz)
• FPD-link single (max display size: 1920 × 720 at 110 MHz)
• FPD-link dual (max display size: 2880 × 1080 at 220 MHz)
- One Capture engine for video input processing for ITU 656 or parallel RGB/YUV or MIPI CSI-2 input
• ITU656 (standard camera capture: up to 800 × 480)
• RGB (max capture size 1600 × 600 at 80 MHz) or
• Two-/four-lane MIPI CSI-2 interface (max capture size: 1920 × 720 for two lanes at 110 MHz, 2880 × 1080 for
four lanes at 220 MHz)
- Display warping on-the-fly for HUD applications
- Direct video feed through from capture to display interface with graphics overlay
- Composition engine for scene composition from display layers
- Display engine for video timing generation and display functions
- Drawing engine for acceleration of vector graphics rendering
- Command sequencer for setup and control of the rendering process
- Supports graphics rendering without frame buffers (on-the-fly to both displays)
- Dual-channel FPD-Link interface for up to Wide-HD resolution video output
-JPEG Decoder
• Decodes JPEG images of various formats into pixel data with conformance to a subset of standard
ISO/IEC10918-1
• Color spaces supporting RGB/YUV/Grayscale
• Supports YUV sub-sampling 4:4:4/4:2:2/4:1:1/4:2:0
• Image size between 1×1 to 16384×16384 pixels
• Sound subsystem
- Four time-division multiplexing (TDM) interfaces
- Two pulse-code modulation-pulse width modulation (PCM-PWM) interfaces
- Up to five sound generator (SG) interfaces
- Two PCM Audio stream mixers with five input streams
- One audio digital-to-analog converter (DAC)


Similar Part No. - CYT4DNJBAS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CYT4033D CENTRAL-CYT4033D Datasheet
545Kb / 2P
SURFACE MOUNT DUAL, ISOLATED PNP SILICON TRANSISTORS
logo
List of Unclassifed Man...
CYT432 ETC2-CYT432 Datasheet
1Mb / 7P
Adjustable Precision Shunt Regulator
CYT432W ETC2-CYT432W Datasheet
1Mb / 7P
Adjustable Precision Shunt Regulator
logo
Infineon Technologies A...
CYT4BB INFINEON-CYT4BB Datasheet
2Mb / 204P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single/dual
2022-09-08 Rev. H
CYT4BB5CEBQ0AEEGS INFINEON-CYT4BB5CEBQ0AEEGS Datasheet
2Mb / 204P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single/dual
2022-09-08 Rev. H
More results

Similar Description - CYT4DNJBAS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Infineon Technologies A...
CYT4BF INFINEON-CYT4BF Datasheet
2Mb / 217P
TRAVEO??T2G 32-bit Automotive MCU
Rev. *J 2022-02-18
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
Infineon Technologies A...
CYT2BL INFINEON-CYT2BL Datasheet
1Mb / 168P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F-single
Rev. E 2022-02-16
XMC7100 INFINEON-XMC7100 Datasheet
2Mb / 196P
XMC7000 microcontroller 32-bit Arm® Cortex®-M7 General description
Rev. A 2022-10-20
XMC7200 INFINEON-XMC7200 Datasheet
2Mb / 189P
XMC7000 microcontroller 32-bit Arm® Cortex®-M7 General description
Rev. B 2022-10-21
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT2CL INFINEON-CYT2CL Datasheet
1Mb / 174P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
Rev. F 2022-10-20
CYT2B7 INFINEON-CYT2B7 Datasheet
2Mb / 167P
TRAVEO™ T2G 32-bit Automotive MCU
2023-07-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com