Electronic Components Datasheet Search
  English  ▼

X  

CYT3DLBBFS Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # CYT3DLBBFS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT3DLBBFS Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button CYT3DLBBFS Datasheet HTML 17Page - Infineon Technologies AG CYT3DLBBFS Datasheet HTML 18Page - Infineon Technologies AG CYT3DLBBFS Datasheet HTML 19Page - Infineon Technologies AG CYT3DLBBFS Datasheet HTML 20Page - Infineon Technologies AG CYT3DLBBFS Datasheet HTML 21Page - Infineon Technologies AG CYT3DLBBFS Datasheet HTML 22Page - Infineon Technologies AG CYT3DLBBFS Datasheet HTML 23Page - Infineon Technologies AG CYT3DLBBFS Datasheet HTML 24Page - Infineon Technologies AG CYT3DLBBFS Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 207 page
background image
Datasheet
21 of 207
002-27763 Rev.*H
2023-03-03
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 single
Functional description
3.3.14
Trigger multiplexer
CYT3DL supports connecting various peripherals using trigger signals. Triggers are used to inform a peripheral of
the occurrence of an event or change of state. These triggers are used to affect or initiate some action in other
peripherals. The trigger multiplexer is used to route triggers from a source peripheral to a destination. Triggers
provide active logic functionality and are typically supported in Active mode.
3.4
Graphics
CYT3DL supports one instance of the graphics subsystem which includes 2048 KB of embedded Video RAM, a 2D
graphics core and interfaces for video input and output processing.
CYT3DL supports 4-lane MIPI CSI-2 interface for up to HD (1920 × 720) resolution video inputs and single channel
FPD-link interface for up to HD (1920 × 720) resolution video output. The 2D graphics core supports a BLock Image
Transfer (BLIT) engine for faster graphics rendering to memory or on-the-fly to display, a drawing engine for
acceleration of vector graphics rendering and a command sequencer for setup and control of the rendering
process. The video I/O supports a composition engine for scene composition from display layers, a display engine
for video timing generation, and display functions and a capture engine for video input processing. The device
also supports perspective correction for 3D effects ("2.5D"). One layer, such as head-up displays, can be warped
on-the-fly.
3.5
I/Os
CYT3DL has up to 135 programmable I/Os.
The I/Os are organized as logical entities called ports, which are a maximum of 8 bits wide. During power-on and
reset, the I/Os are forced to the High-Z state. During the Hibernate mode, the I/Os are frozen.
Every I/O can generate an interrupt (if enabled) and each port has an interrupt request (IRQ) and interrupt service
routine (ISR) associated with it.
I/O port power source mapping is listed in Table 3-4. The associated supply determines the VOH, VOL, VIH, and VIL
levels when configured for CMOS and Automotive thresholds.
All I/Os support the following programmable drive modes:
• High impedance
•Resistive pull-up
•Resistive pull-down
• Open drain with strong pull-down
• Open drain with strong pull-up
• Strong pull-up or pull-down
• Weak pull-up or pull-down
CYT3DL has four types of programmable GPIOs: GPIO Standard, GPIO Enhanced, GPIO SMC, and HSIO Standard
with Low noise. Only GPIO_STD, GPIO_ENH, and GPIO_SMC have the capability to wakeup the device from
DeepSleep mode. All these I/Os have GPIO input/output functionality, some of these might need special
configuration[16].
Table 3-4
I/O port power source
Supply pins
Ports
VDDD[15]
P0
VDDIO_GPIO_1[15]
P1, P2, P3
VDDIO_GPIO_2[15]
P4, P5, P6
VDDIO_SMC[15]
P7, P8, P9
VDDIO_HSIO
P11, P12, P13, P14, P15, P16, P17, P18, P19, P20, P21
Notes
15.Ensure that VDDD ≥ (VDDIO_GPIO_1 - 0.3 V) ≥ (VDDIO_GPIO_2 - 0.3 V).
16.Refer to the family-specific Architecture TRM for more information on the I/O configurations (002-25800, TRAVEO™ T2G Automotive
MCU cluster 2D architecture technical reference manual).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com