Electronic Components Datasheet Search
  English  ▼

X  

CYT4DNJBFS Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # CYT4DNJBFS
Description  TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 dual
PDF  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CYT4DNJBFS Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button CYT4DNJBFS Datasheet HTML 59Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 60Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 61Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 62Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 63Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 64Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 65Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 66Page - Infineon Technologies AG CYT4DNJBFS Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 209 page
background image
Datasheet
63
002-24601 Rev. *I
2023-02-14
TRAVEO™ T2G 32-bit Automotive MCU
Based on Arm® Cortex®-M7 dual
Triggers group inputs
49
SCB_I2C_SCL_TR_OUT[10]
SCB10 I2C trigger
50
SCB_TX_TR_OUT[11]
SCB11 TX trigger
51
SCB_RX_TR_OUT[11]
SCB11 RX trigger
52
SCB_I2C_SCL_TR_OUT[11]
SCB11 I2C trigger
53:54
PASS_GEN_TR_OUT[0:1]
PASS0 SAR events
55:102
HSIOM_IO_INPUT[0:47]
I/O Inputs
103:104
CTI_TR_IN[0:1]
Trace events
105:108
FAULT_TR_OUT[0:3]
Fault events
109:110
CXPI_TX_TR_OUT[0:1]
CXPI0 transmit events
111:112
CXPI_RX_TR_OUT[0:1]
CXPI0 receive events
MUX Group 7: PASS0 SAR trigger multiplexer
1:32
PDMA0_TR_OUT[0:31]
General purpose P-DMA0 triggers
33:70
TCPWM0_16_TR_OUT0[0:37]
16-bit TCPWM0 counters
71:82
TCPWM0_16M_TR_OUT0[0:11]
16-bit Motor enhanced TCPWM0 counters
83:114
TCPWM0_32_TR_OUT0[0:31]
32-bit TCPWM0 counters
115:122
HSIOM_IO_INPUT[0:7]
I/O Inputs
123
EVTGEN_TR_OUT[12]
Event generator triggers
MUX Group 8: CAN TT Sync
1:2
CAN0_TT_TR_OUT[0:1]
CAN0 TT Sync Outputs
3:4
CAN1_TT_TR_OUT[0:1]
CAN1 TT Sync Outputs
MUX Group 9: Debug MUX
1:5
TR_GROUP10_OUTPUT[0:4]
Output from debug reduction multiplexer #1
6:10
TR_GROUP11_OUTPUT[0:4]
Output from debug reduction multiplexer #2
11:15
TR_GROUP12_OUTPUT[0:4]
Output from debug reduction multiplexer #3
MUX Group 10: Debug Reduction #1
1:76
PDMA0_TR_OUT[0:75]
General purpose P-DMA0 triggers
77:88
SCB_TX_TR_OUT[0:11]
SCB TX triggers
89:100
SCB_RX_TR_OUT[0:11]
SCB RX triggers
101:112
SCB_I2C_SCL_TR_OUT[0:11]
SCB I2C triggers
113:114
CAN0_DBG_TR_OUT[0:1]
CAN0 DMA
115:116
CAN0_FIFO0_TR_OUT[0:1]
CAN0 FIFO0
117:118
CAN0_FIFO1_TR_OUT[0:1]
CAN0 FIFO1
119:120
CAN0_TT_TR_OUT[0:1]
CAN0 TT Sync Outputs
121:122
CAN1_DBG_TR_OUT[0:1]
CAN1 DMA
123:124
CAN1_FIFO0_TR_OUT[0:1]
CAN1 FIFO0
125:126
CAN1_FIFO1_TR_OUT[0:1]
CAN1 FIFO1
127:128
CAN1_TT_TR_OUT[0:1]
CAN1 TT Sync Outputs
129:130
CTI_TR_OUT[0:1]
Trace events
131:134
FAULT_TR_OU[0:3]
Fault events
135:150
EVTGEN_TR_OUT[0:15]
EVTGEN Triggers
MUX Group 11: Debug Reduction #2
1:32
TCPWM0_32_TR_OUT0[0:31]
32-bit TCPWM0 counters
33:44
TCPWM0_16M_TR_OUT0[0:11]
16-bit Motor enhanced TCPWM0 counters
45:82
TCPWM0_16_TR_OUT0[0:37]
16-bit TCPWM0 counters
83
SMIF0_TX_TR_OUT
SMIF0 TX trigger
Table 17-1
Trigger inputs (continued)
Input
Trigger Label (TRIG_LABEL)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com