Electronic Components Datasheet Search
  English  ▼

X  

PTH05T210WAST Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05T210WAST
Description  30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05T210WAST Datasheet(HTML) 13 Page - Texas Instruments

Back Button PTH05T210WAST Datasheet HTML 9Page - Texas Instruments PTH05T210WAST Datasheet HTML 10Page - Texas Instruments PTH05T210WAST Datasheet HTML 11Page - Texas Instruments PTH05T210WAST Datasheet HTML 12Page - Texas Instruments PTH05T210WAST Datasheet HTML 13Page - Texas Instruments PTH05T210WAST Datasheet HTML 14Page - Texas Instruments PTH05T210WAST Datasheet HTML 15Page - Texas Instruments PTH05T210WAST Datasheet HTML 16Page - Texas Instruments PTH05T210WAST Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.ti.com
20
10
9
8
7
6
5
4
3
2
C − Capacitance −
µF
VI = 5 V
With Turbo Trans
Without Turbo Trans
RTT Resistor Selection
R
TT + 40
1 *
C
O
4000
5
C
O
4000 *
1
kW
(1)
PTH05T210W
SLTS263D – NOVEMBER 2005 – REVISED OCTOBER 2006
Type A Capacitor
5-V Input
Figure 6. Capacitor Type A, 100
≤ C µF × ESR ≤ 1000 mΩ
(e.g. Ceramic)
Table 2. Type A TurboTrans CO Values & Required RTT Selection Table
Transient Voltage Deviation (mV)
5-V Input
25%
50%
75%
CO
RTT
Load Step
Load Step
Load Step
Minimum Required Output
Required TurboTrans
(7.5 A)
(15 A)
(22.5 A)
Capacitance
Resistor (k
Ω)
(
µF)
90
180
270
800
open
80
160
240
950
165
70
140
210
1100
75.0
60
120
180
1350
40.2
50
100
150
1650
22.1
40
80
120
2150
11.3
30
60
90
3000
3.65
25
40
60
3700
0.825
The TurboTrans resistor value, RTT can be determined from the TurboTrans programming equation, see
Equation 1.
Where CO is the total output capacitance in µF. CO values greater than or equal to 4000 µF require RTT to be a
short, 0
Ω. (Equation 1 results in a negative value for R
TT when CO ≥ 4000 µF.)
13
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com