Electronic Components Datasheet Search
  English  ▼

X  

3059 Datasheet(PDF) 1 Page - Bertech.

Part # 3059
Description  ESD Vinyl Mats and Mat Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

3059 Datasheet(HTML) 1 Page - Bertech.

  3059 Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
ESD Vinyl Mats and Mat Kits
RoHS Compliant
3059 Series
Three Layer ESD Mats are ideal for static dissipative and flexible work surfaces. They are made of a
textured vinyl with a buried conductive layer in between provide a superior physical and electrical
qualities.
APPLICATIONS: Electronic Assembly and Manufacturing, Pharmaceutical Plants, Cleanroom
Operation, Fiber Optics, Aerospace, and Hospitals
CONSTRUCTION
A homogenous construction, our three layer mat consists of solid polyvinyl chloride surrounding a layer of
conductive fleece, giving it consistent electrical properties in addition to superior physical properties.
CHEMICAL RESISTANCE
They are resistant to degradation by inorganic acids, organic acids, reducing agents, detergent
solutions, alcohols, aliphatic hydrocarbons, mineral oil, amines, and aldehydes.
TYPICAL PHYSICAL PROPERTIES
(1)
COLOR
Blue, Dark Gray
EMBOSS PATTERN
Kid Grain
GAUGE /THICKNESS
0.094′′ ± 0.010′′;
3/32′′
TENSILE
900 lbs./in.²
ELONGATION
125%
TEAR
150 lbs./in.
DUROMETER
85 ± 5, Shore A
ESD PROPERTIES: Range @ 10 V
3.0 × 10
7
– 9.5 × 108 ohms/sq.
SUGGESTED SERVICE TEMPERATURE
–20 °F to +160 °F (2)
(1) Specifications are subject to change at any time for a variety of reasons. If you have any questions, please call for the latest update.
(2) This suggested range represents the general temperature range for most flexible vinyl products.


Similar Part No. - 3059

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3059 ALLEGRO-3059 Datasheet
84Kb / 8P
HALL-EFFECT GEAR-TOOTH SENSORS -AC COUPLED
logo
List of Unclassifed Man...
3059 ETC2-3059 Datasheet
92Kb / 2P
WASHERS AND NUTS
logo
Bourns Electronic Solut...
3059 BOURNS-3059 Datasheet
116Kb / 1P
Trimpot Trimming Potentiometer
logo
KR Electronics, Inc.
3059 KR-3059 Datasheet
59Kb / 3P
140 MHz Bandpass Filter
logo
Heyco.
3059 HEYCO-3059 Datasheet
117Kb / 1P
Pry Out Plugs
More results

Similar Description - 3059

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
15006 ETC2-15006 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
16282 ETC2-16282 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
42518 ETC2-42518 Datasheet
360Kb / 4P
Installation and Maintenance of ESD Mats
logo
Bertech.
1059 BERTECH-1059 Datasheet
120Kb / 1P
ESD General Purpose Mats & Mat Kits
2059R BERTECH-2059R Datasheet
169Kb / 1P
ESD Rubber Mats & Mat Kits
2059S BERTECH-2059S Datasheet
170Kb / 1P
ESD Soldering Mats & Mat Kits
2059T BERTECH-2059T Datasheet
170Kb / 1P
ESD High Temperature Mats & Mat Kits
2059USA BERTECH-2059USA Datasheet
158Kb / 1P
ESD High Temperature Mats & Mat Kits (Made in USA)
CFM BERTECH-CFM Datasheet
169Kb / 1P
Conductive Floor Mats and Kits
ESDFM BERTECH-ESDFM Datasheet
122Kb / 1P
ESD Foam Mats & Mat Kits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com