Electronic Components Datasheet Search
  English  ▼

X  

BFG67 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BFG67
Description  NPN 8 GHz wideband transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG67 Datasheet(HTML) 3 Page - NXP Semiconductors

  BFG67 Datasheet HTML 1Page - NXP Semiconductors BFG67 Datasheet HTML 2Page - NXP Semiconductors BFG67 Datasheet HTML 3Page - NXP Semiconductors BFG67 Datasheet HTML 4Page - NXP Semiconductors BFG67 Datasheet HTML 5Page - NXP Semiconductors BFG67 Datasheet HTML 6Page - NXP Semiconductors BFG67 Datasheet HTML 7Page - NXP Semiconductors BFG67 Datasheet HTML 8Page - NXP Semiconductors BFG67 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
1998 Oct 02
3
Philips Semiconductors
Product specification
NPN 8 GHz wideband transistors
BFG67; BFG67/X; BFG67/XR
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
−
20
V
VCEO
collector-emitter voltage
open base
−
10
V
VEBO
emitter-base voltage
open collector
−
2.5
V
IC
collector current (DC)
−
50
mA
Ptot
total power dissipation
Ts ≤ 65 °C; see Fig.3; note 1
−
380
mW
Tstg
storage temperature range
−65
150
°C
Tj
junction temperature
−
175
°C
Fig.3 Power derating curve.
handbook, halfpage
0
50
100
200
400
300
100
0
200
MBC984 - 1
150
P
tot
(mW)
T
s
(o C)
THERMAL CHARACTERISTICS
Note
1. Ts is the temperature at the soldering point of the collector pin.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-s
thermal resistance from junction to soldering point
note 1
290
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com