Electronic Components Datasheet Search
  English  ▼

X  

AFTX58 Datasheet(PDF) 1 Page - Bertech.

Part # AFTX58
Description  Anti Fatigue Mats – Textured Pattern
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

AFTX58 Datasheet(HTML) 1 Page - Bertech.

  AFTX58 Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
Anti Fatigue Mats – Textured Pattern
RoHS Compliant
AFTX58 Series
Anti Fatigue Mats with Textured Pattern are 5/8" thick. They are designed to reduce the fatigue and
lower the risk of injury to feet, knees, and lower back. These Anti Fatigue Mats combines the
durability of vinyl foam cushion technology with a slip resistant top for safety in the workplace.
Research shows the negative impact of standing on hard surfaces for a long time on a worker's health
and productivity. The products pay for themselves through improved productivity. This anti fatigue
mat has moisture and stain resistant properties that cuts the cleaning and maintenance time.
APPLICATIONS: Automotive, Electronics Assembly, Industrial, Medical, and Pharmaceutical
Companies
CHEMICAL RESISTANCE
They are resistant to degradation by inorganic acid, organic acids, detergent solutions, alcohol and
mineral oil.
TYPICAL PHYSICAL PROPERTIES (1)
COLOR
Black, Black with Yellow Border, Gray
EMBOSS PATTERN
Textured
GAUGE /THICKNESS
0.625′′ ± 10%, 5/8′′
TENSILE
100 lbs./in.²
ELONGATION
100%
TEAR
15 lbs./in.
DUROMETER
65 ± 5 Shore OO
SUGGESTED SERVICE TEMPERATURE
–20 °F to +160 °F (2)
(1)
Specifications are subject to change at any time for a variety of reasons. If you have any questions, please call for the latest update.
(2)
This suggested range represents the general temperature range for most flexible vinyl products.


Similar Part No. - AFTX58

ManufacturerPart #DatasheetDescription
logo
Bertech.
AFTX38 BERTECH-AFTX38 Datasheet
173Kb / 1P
Anti Fatigue Mats – Textured Pattern
More results

Similar Description - AFTX58

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9920 3M-9920 Datasheet
477Kb / 7P
Static Control Anti-Fatigue Mat 9900 Series
logo
List of Unclassifed Man...
11171 ETC2-11171 Datasheet
53Kb / 1P
Sticky Mats, Disposable
35998 ETC2-35998 Datasheet
148Kb / 1P
Solid Black Anti-fatigue Mats
logo
Bertech.
2059R BERTECH-2059R Datasheet
169Kb / 1P
ESD Rubber Mats & Mat Kits
2059S BERTECH-2059S Datasheet
170Kb / 1P
ESD Soldering Mats & Mat Kits
AFRB38 BERTECH-AFRB38 Datasheet
173Kb / 1P
Anti Fatigue Mats – Ribbed Pattern
AFRB58 BERTECH-AFRB58 Datasheet
190Kb / 1P
Anti Fatigue Mats – Ribbed Pattern
AFTX38 BERTECH-AFTX38 Datasheet
173Kb / 1P
Anti Fatigue Mats – Textured Pattern
CFM BERTECH-CFM Datasheet
169Kb / 1P
Conductive Floor Mats and Kits
ESDFM BERTECH-ESDFM Datasheet
122Kb / 1P
ESD Foam Mats & Mat Kits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com