Electronic Components Datasheet Search
  English  ▼

X  

DSFT Datasheet(PDF) 1 Page - Bertech.

Part # DSFT
Description  Double Sided Foam Tape
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

DSFT Datasheet(HTML) 1 Page - Bertech.

  DSFT Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
Double Sided Foam Tape
RoHS Compliant
DSFT & DSFT18 Series
Double Sided Foam Tapes are made of a closed-cell, cross linked polyethylene foam, coated on both
sides with a glassine liner. They are available in 1/16” and 1/8” thick material. Bertech's Double Sided
foam tapes are ideal for mounting or adhering two rigid objects together. They conform to most solid
smooth surfaces. Its solvent based acrylic adhesive is well suited for outdoor and long-term
applications.
APPLICATIONS: Aerospace, Automotive, Construction, General Repair and Glass Industries.
TYPICAL PHYSICAL PROPERTIES
(1)
Color
White
Adhesion Type
Solvent Acrylic
Material Thickness
1/16” (DSFT) & 1/8” (DSFT18)
Adhesive Thickness
2.4 mil
Foam Density
4 lbs./ft.
3
Liner
PE coated white paper liner
Adhesion
≥ 72 oz./in.
Elongation
300% (DSFT) & 250% (DSFT18)
Cohesion
≥ 2,880 minute, 73 °F
Storage Temperature Conditions
Under 23 °C (73 °F) and 50 % relative humidity
Length
36 Yards (DSFT) & 18 Yards (DSFT18)
UNSPSC Code
31201503
(1) Specifications are subject to change at any time. If you have any questions, please contact us for the latest update.


Similar Part No. - DSFT

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DSF SCHURTER-DSF Datasheet
384Kb / 2P
Storage Choke, flat design
logo
XP Power Limited
DSF XPPOWER-DSF Datasheet
326Kb / 2P
Up to 28 A Output Current
logo
Laird Tech Smart Techno...
DSF LSTD-DSF Datasheet
162Kb / 2P
Thin, Flexible, Weatherproof, Resonant Microwave Absorber
logo
Schurter Inc.
DSF SCHURTER-DSF Datasheet
246Kb / 3P
Storage Choke, flat design
DSF SCHURTER-DSF Datasheet
257Kb / 3P
Storage Choke, flat design
More results

Similar Description - DSFT

ManufacturerPart #DatasheetDescription
logo
3M Electronics
9546 3M-9546 Datasheet
43Kb / 2P
Double Coated Polyethylene Foam Tape
Aug-2001
4430 3M-4430 Datasheet
45Kb / 2P
Double Coated Foam Tape
Oct-1993
logo
List of Unclassifed Man...
PPC228 ETC2-PPC228 Datasheet
535Kb / 1P
Double Sided Adhesive
logo
KODENSHI_AUK CORP.
SG255 KODENSHI-SG255 Datasheet
269Kb / 2P
Double-sided
logo
Laird Tech Smart Techno...
DN50A LSTD-DN50A Datasheet
546Kb / 2P
NI/CU DOUBLE-SIDED CONDUCTIVE FABRIC TAPE
logo
3M Electronics
4004 3M-4004 Datasheet
109Kb / 5P
Double Coated Urethane Foam Tapes
May-2006
9781 3M-9781 Datasheet
51Kb / 2P
3MTM PVC Single Coated Foam Medical Tape
Feb-2007
4492W 3M-4492W Datasheet
143Kb / 6P
3M™ Double Coated Polyethylene Foam Tape 4492W
Dec-2014
9711S 3M-9711S Datasheet
228Kb / 5P
Electrically Conductive Double-Sided Tape 9711SSeries
logo
Bertech.
PPTDE BERTECH-PPTDE Datasheet
160Kb / 1P
Double Sided Polyimide Tape RoHS & REACH Compliant PPTDE Series
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com