Electronic Components Datasheet Search
  English  ▼

X  

M1SHG Datasheet(PDF) 1 Page - Bertech.

Part # M1SHG
Description  ESD Heel Grounders
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

M1SHG Datasheet(HTML) 1 Page - Bertech.

  M1SHG Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech® makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech® assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
ESD Heel Grounders
RoHS Compliant
M1SHG Series
ESD Heel Grounders are constructed from durable materials and features a classic hook & loop
closure. These heel grounders connect the person wearing them to ground via a proper floor mat or
flooring material. Wearing the conductive ribbon inside the shoe or sock assures proper electrical
contact with the user. The ribbon connects to the conductive rubber to complete the circuit between the
operator and the static controlled floor or mat. A buried 1 Meg ohm resistor is standard. Heel
grounders are worn on both feet to provide consistent grounding while in motion.
TYPICAL PHYSICAL PROPERTIES
(1)
Color
Black hook and loop
Rubber Exterior
10
5
Ohms, 1.25” wide
Resistor
1 Meg ohm (+/- 5% tolerance)
Ribbon
Conductive yarn in a polyester ribbon
(1) Specifications are subject to change at any time for a variety of reasons. If you have any questions, please call for the latest update.


Similar Part No. - M1SHG

ManufacturerPart #DatasheetDescription
logo
Broyce Control
M1SMT BROYCECONTROL-M1SMT Datasheet
208Kb / 1P
Multi Function, Multi Time Range Timer
M1SMT 24/230V BROYCECONTROL-M1SMT 24/230V Datasheet
208Kb / 1P
Multi Function, Multi Time Range Timer
M1SMT-1-B BROYCECONTROL-M1SMT-1-B Datasheet
208Kb / 1P
Multi Function, Multi Time Range Timer
More results

Similar Description - M1SHG

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SES5VN1616-3 GOOD-ARK-SES5VN1616-3 Datasheet
400Kb / 4P
ESD Protector
SES5VSC70-6 GOOD-ARK-SES5VSC70-6 Datasheet
607Kb / 8P
ESD Protector
SES5VT353-5 GOOD-ARK-SES5VT353-5 Datasheet
349Kb / 7P
ESD Protector
SES12VN1010-5 GOOD-ARK-SES12VN1010-5 Datasheet
185Kb / 3P
ESD Protector
logo
3M Electronics
2044 3M-2044 Datasheet
139Kb / 2P
Economy Heel Grounder 2044
logo
List of Unclassifed Man...
17252 ETC2-17252 Datasheet
55Kb / 1P
FOOT GROUND, HEEL, 3-LAYER, NON-MARRING
logo
Sangdest Microelectroni...
LCDA03 SMC-LCDA03 Datasheet
151Kb / 4P
ESD
logo
ON Semiconductor
ESD4238 ONSEMI-ESD4238 Datasheet
206Kb / 8P
ESD Clamp Array with ESD Protection
January, 2014 ??Rev. 1
logo
Pan Jit International I...
PJE24VM5FN2 PANJIT-PJE24VM5FN2 Datasheet
220Kb / 6P
ESD Protection
logo
AiT Semiconductor Inc.
ESD5Z2.5 AITSEMI-ESD5Z2.5 Datasheet
492Kb / 7P
ESD PROTECTION ESD UNIDIRECTIONAL
REV1.1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com