Electronic Components Datasheet Search
  English  ▼

X  

NPF100 Datasheet(PDF) 1 Page - Bertech.

Part # NPF100
Description  Class 100 Cleanroom Compatible Nitrile Gloves
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BERTECH [Bertech.]
Direct Link  https://bertech.com/
Logo BERTECH - Bertech.

NPF100 Datasheet(HTML) 1 Page - Bertech.

  NPF100 Datasheet HTML 1Page - Bertech.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Technical Datasheet
Bertech makes no warranty, representation, or guarantee regarding the information contained herein or the suitability of its this product
for any particular purpose, nor does Bertech assume any liability whatsoever arising out of the application or use of this product. It is
ultimately the responsibility of the customer to determine a product’s suitability for a particular application.
Class 100 Cleanroom Compatible Nitrile Gloves
RoHS Compliant
NPF100 Series
Class 100 Cleanroom Compatible Nitrile Gloves have a textured finish that provides excellent grip
when handling wet or dry equipment. Bertech's Cleanroom Compatible Nitrile Gloves are powder free,
have a rolled cuff and an ambidextrous fit, and a very low pinhole level. They are ESD safe. They are
packaged as 100 gloves in a bag.
Applications: Aerospace, Biotechnology, Chip Manufacturing, Cleanrooms, Laboratory, Medical, and
Pharmaceutical Industries.
TYPICAL PHYSICAL PROPERTIES (1)
Color
Natural/White
Material
Nitrile
Surface Resistivity
1011 Ohms/Sq.
Length
9”
Thickness
5 mil
Tensile Strength
14 MPa
Elongation
500%
Compatibility
Class 100 Cleanroom
(1)
Specifications are subject to change at any time. If you have any questions, please contact us for the latest update.


Similar Part No. - NPF100

ManufacturerPart #DatasheetDescription
logo
Bertech.
NPF BERTECH-NPF Datasheet
155Kb / 1P
Cleanroom Compatible Nitrile Gloves
logo
Mean Well Enterprises C...
NPF-120 MEANWELL-NPF-120 Datasheet
99Kb / 5P
120W Single Output Switching Power Supply
NPF-120-12 MEANWELL-NPF-120-12 Datasheet
99Kb / 5P
120W Single Output Switching Power Supply
NPF-120-15 MEANWELL-NPF-120-15 Datasheet
99Kb / 5P
120W Single Output Switching Power Supply
NPF-120-20 MEANWELL-NPF-120-20 Datasheet
99Kb / 5P
120W Single Output Switching Power Supply
More results

Similar Description - NPF100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
73654 ETC2-73654 Datasheet
224Kb / 2P
STATSHIELD SMOCKS AND GLOVES
logo
3M Electronics
847 3M-847 Datasheet
310Kb / 4P
Nitrile High Performance Rubber & Gasket Adhesive
May-2019
847H 3M-847H Datasheet
310Kb / 4P
3M™ Nitrile High Performance Rubber & Gasket Adhesive
May-2019
CG-GU 3M-CG-GU Datasheet
231Kb / 2P
3M™ Comfort Grip Gloves
January 2020
logo
Bertech.
LPF BERTECH-LPF Datasheet
173Kb / 1P
Cleanroom Compatible Latex Gloves
NPF BERTECH-NPF Datasheet
155Kb / 1P
Cleanroom Compatible Nitrile Gloves
FC-N BERTECH-FC-N Datasheet
155Kb / 1P
Nitrile Finger Cots
logo
Greystone Energy System...
PS-CR3A GREYSTONE-PS-CR3A Datasheet
442Kb / 2P
CLEANROOM MONITOR
PS-CR3B GREYSTONE-PS-CR3B Datasheet
461Kb / 2P
CLEANROOM MONITOR
PS-CR3C GREYSTONE-PS-CR3C Datasheet
439Kb / 2P
CLEANROOM MONITOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com