Electronic Components Datasheet Search
  English  ▼

X  

DP1211 Datasheet(PDF) 2 Page - IET Labs Inc.

Part # DP1211
Description  Dekapot Coaxial-Dial Decade Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

DP1211 Datasheet(HTML) 2 Page - IET Labs Inc.

  DP1211 Datasheet HTML 1Page - IET Labs Inc. DP1211 Datasheet HTML 2Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DEKAPOT
DECADE
POTENTIOMETERS
Models DP1211/DP1311
Specifications
DP1211 Dekapot Decade Potentiometer
Terminal Linearity*
Initial: ±15 ppm + 0.5 dial division
Long-term: ±20 ppm + 0.5 dial division
*Mid-scale rating. Improves near end-scale settings.
Coefficients of Linearity
Temperature: ±2 ppm/ºC
Power: ±30 ppm/W for 1 kΩ, ±10 ppm/W for
10 kΩ
Calibration Conditions
23 ºC, low input power
Number of Decades
Two, plus 100-division potentiometer
Resolution
0.003 %
Input Resistance
1, 10 kΩ (accuracy ±0.01%)
Maximum Input Power
5 W continuous, 10 W intermittent
Breakdown Voltage
750 V rms to case
Dimensions
Diameter
7.6 cm (3 in)
Depth
18.3 cm (7.2 in)
Depth (behind panel) 15 cm (5.9 in)
Weight
772 gm (1.7 lb)
DP1311 Dekapot Decade Potentiometer
Specifications for the DP1311 are the same as for the DP1211 except for the following:
Number of Decades
Three, plus 100-division potentiometer
Resolution
0.0003 %
Dimensions
Diameter
3 in (7.6 cm)
Depth
8.5 in (21.6 cm)
Depth (behind panel) 6.9 in (17.6 cm)
Weight
1 kg (2.1 lb)
Included Accessories
Instruction Sheet
P/N 8895
Z540 Compliant Calibration
with Certificate and Data
for DP1211 or DP1311
P/N OPT-Z540
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
IN
COM
R3
R3
OUT
GRD
45°
90°
.188 DIA
4 HOLES
.438 DIA
1.876 DIA
PANEL
MOUNTING
DP1211 Schematic
10 TEGAM WAY • GENEVA, OHIO 44041
440-466-6100 • FAX 440-466-6110
www.tegam.com • e-mail: sales@tegam.com
YOUR GLOBAL SOURCE FOR TEST
AND MEASUREMENT SOLUTIONS
®



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com