Electronic Components Datasheet Search
  English  ▼

X  

LOM-503 Datasheet(PDF) 1 Page - IET Labs Inc.

Part # LOM-503
Description  High Accuracy Micro-Ohmmeter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IET [IET Labs Inc.]
Direct Link  https://www.ietlabs.com/
Logo IET - IET Labs Inc.

LOM-503 Datasheet(HTML) 1 Page - IET Labs Inc.

  LOM-503 Datasheet HTML 1Page - IET Labs Inc. LOM-503 Datasheet HTML 2Page - IET Labs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IET LABS, INC. in the GenRad Tradition
www.ietlabs.com
TEL: (516) 334-5959 • (800) 899-8438 • FAX: (516) 334-5988
High Accuracy
Micro-Ohmmeter
LOM-510A
Page 1 of 2
LOM Catalog Pages Dec. 2019
Features and accessories to assure
that very low resistance measure-
ments are accomplished accurately,
easily, and economically.
The LOM-510A has 4½ digits, 0.02% basic
accuracy and 1 μΩ resolution. Its 4-terminal
measurement technique eliminates lead
resistance errors and 80 dB of ac noise rejection
provides rock-steady readings even in noisy
locations. The unit comes with rugged 4-terminal
test clips and a large selection of optional probes,
clips and fixtures allowing attachment to any low-
resistance unknown.
Switched dc Mode:
Allows measurement of switch contacts,
welds, shunts, PC board tracks and other
primarily resistive elements. Thermal emf
effects are eliminated.
Constant dc Mode:
Suitable for measuring the resistance of
inductive components such as coils or
transformers.
Pulsed Mode:
Provides low drive current to allow
measurements of fuses, thermistors, and
other thermally sensitive devices.
Dry Circuit:
Assures that oxides and film contacts are
not punctured. The Dry Circuit Mode limits
the open circuit voltage to 50 mV. The
Model LOM-510A/20
limits the open circuit
voltage to 20 mV.
Model LOM-510A Micro-ohmmeter shown with
LOM-501C Standard 4-Terminal Kelvin clips
SW (Switched dc) Mode:
Current switched on for 166 ms, then off for
500 ms (25% duty cycle).
Pulsed Mode:
One cycle of SW (Switched dc) mode;
enabled by shorting two contacts on rear
panel connector.
Display:
4½ digit, 0.5 inch, red LED display.
Display Overrange Indication:
Flashes for DC (Continuous dc) and SW
(Switched dc)
blanks in Pulsed mode
Measurement Rate:
1.5 readings/second
Connections to Unknown:
4-terminal Kelvin leads with shield
SPECIFICATIONS
Accuracy:
SW (switched dc):
±(
0.02% + 2 counts +2 μΩ)
dc (continuous dc):
Typically ±(
0.04% + 2 counts + 2 μΩ)
Pulsed mode: ± (
0.02% + 4 counts + 2 μΩ)
Zero Adjust:
Active only in DC (Continuous dc) mode.
Noise Rejection:
80 dB for SW (Switched dc) and Pulsed Mode
60 dB for DC (Continuous dc) mode.
Range
(Full Scale)
Drive
Max Dissipation
Resolution
DC
SW
19.999 m
Ω
1 A
20 mW
5.0 mW
1 µ
Ω
199.99 m
Ω
.1 A
2.0 mW
.50 mW
10 µ
Ω
1.9999
Ω
10 mA
.2 mW
.05 mW
100 µ
Ω
19.999
Ω
1 mA
.02 mW
5 µW
1 m
Ω
199.99
Ω
.1 mA
.002 mW
0.5 µW
10 m
Ω
LOM-530 (CALIBRATION KIT FOR LOM-510A)
Stability
Max
Power
TempCo
Power
Coefficient
0.01
Ω
50 ppm/year
2 W
20 ppm/°C
0.1 ppm/mW
0.1
Ω
50 ppm/year
1 W
20 ppm/°C
0.1 ppm/mW
1
Ω
20 ppm/year
0.25 W
10 ppm/°C
0.5 ppm/mW
15
Ω
10 ppm/year
0.1 W
3 ppm/°C
0.5 ppm/mW
150
Ω
10 ppm/year
0.1 W
1 ppm/°C
0.5 ppm/mW
Temperature Range: 15° to 30°C
Storage Range: 0°C to 40°C
A convenient single unit containing a complete set of (5)
working standard grade resistors for complete calibration of
the micro-ohmmeter.
Ne
w
Features:
• 1 μΩ resolu on
• ± 0.02% basic accuracy
• Digital output
• Four measurement modes
• Auto-zero switched dc mode
• Probes for chips and traces
• New switch design, improves reliability
• New external voltage selector switch
• New IEC inlet adapter with fuse
Outputs:
5 BCD digits for value and polarity; Pulsed
Mode Control lines; power supply lines; 25
pin "D" connector.
Warm up time:
1 minute to rated accuracy
Accuracy vs. Temperature:
Stated accuracy applies over an ambient
temperature range of 18 to 27 °C. Error
doubles over the range of 10 to 40 °C.
Accessories Supplied:
LOM-501
test clips
Power Requirements:
105-125 Vac or 210-250 Vac; 50-60 Hz
selectable on rear panel
30 W max.
Mechanical:
Dimensions:
22.9 cm W x 5.1 cm H x 27.9 cm D
(9" x 2" x 11")
Weight:
2.7 kg (6 lb)


Similar Part No. - LOM-503

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LOM47K OSRAM-LOM47K Datasheet
428Kb / 19P
white SMT package, colorless clear resin
LOM670 OSRAM-LOM670 Datasheet
479Kb / 19P
Backlighting
logo
HK TO-GRACE TECHNOLOGY ...
LOM670 TO-GRACE-LOM670 Datasheet
1Mb / 12P
Standard Mini SMD LED
logo
OSRAM GmbH
LOM670-H2L1-24 OSRAM-LOM670-H2L1-24 Datasheet
479Kb / 19P
white SMT package, colorless clear resin
logo
Siemens Semiconductor G...
LOM670-HK SIEMENS-LOM670-HK Datasheet
49Kb / 8P
Mini TOPLED
More results

Similar Description - LOM-503

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2005 ELANTEC-EL2005 Datasheet
244Kb / 12P
High Accuracy Fast Buffer
logo
LEM
IT150-S LEM-IT150-S Datasheet
67Kb / 2P
HIGH ACCURACY CURRENT TRANSDUCER
logo
Analog Devices
ADR3525 AD-ADR3525 Datasheet
862Kb / 20P
Micropower, High Accuracy
REV. 0
ADR4520 AD-ADR4520 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
AMP02 AD-AMP02_03 Datasheet
224Kb / 12P
High Accuracy Instrumentation Amplifier
REV. E
logo
Honeywell Accelerometer...
KGZ10 HONEYWELL-ACC-KGZ10 Datasheet
227Kb / 4P
High-accuracy measurement
logo
Rohm
BUXXTH5WNVX ROHM-BUXXTH5WNVX Datasheet
1Mb / 20P
High accuracy detection
BUXXUC3WG ROHM-BUXXUC3WG Datasheet
1Mb / 26P
High accuracy detection
logo
Analog Devices
AMP02 AD-AMP02_16 Datasheet
284Kb / 13P
High Accuracy Instrumentation Amplifier
Rev. E
logo
MKS Instruments.
690A MKS-690A Datasheet
225Kb / 4P
High Accuracy Systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com